Electronic Components Datasheet Search
  English  ▼

X  

ADIS16136 Datasheet(PDF) 9 Page - Analog Devices

Part # ADIS16136
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16136 Datasheet HTML 5Page - Analog Devices ADIS16136 Datasheet HTML 6Page - Analog Devices ADIS16136 Datasheet HTML 7Page - Analog Devices ADIS16136 Datasheet HTML 8Page - Analog Devices ADIS16136 Datasheet HTML 9Page - Analog Devices ADIS16136 Datasheet HTML 10Page - Analog Devices ADIS16136 Datasheet HTML 11Page - Analog Devices ADIS16136 Datasheet HTML 12Page - Analog Devices ADIS16136 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADIS16136
Rev. A | Page 9 of 20
OUTPUT DATA REGISTERS
Table 8. Output Data Register Formats
Register
Address
Measurement
TEMP_OUT
0x02
Internal temperature
GYRO_OUT2
0x04
Gyroscope, lower 16 bits
GYRO_OUT
0x06
Gyroscope, upper 16 bits
Rotation Rate (Gyroscope)
GYRO_OUT is the primary register for gyroscope output data
and uses 16-bit twos complement format for its data. Table 9
provides the numerical format, and Table 10 provides several
examples for converting digital data into °/sec.
Table 9. GYRO_OUT Bit Descriptions
Bits
Description
[15:0]
Gyroscope data; twos complement, 0.018275°/sec per
LSB, 0°/sec = 0x0000
Table 10. GYRO_OUT, Twos Complement Format
Rotation Rate
Decimal
Hex
Binary
+450°/sec
+24,623
0x602F
0110 0000 0010 1111
+0.03655°/sec
+2
0x0002
0000 0000 0000 0010
+0.018275°/sec
+1
0x0001
0000 0000 0000 0001
0°/sec
0
0x0000
0000 0000 0000 0000
−0.018275°/sec
−1
0xFFFF
1111 1111 1111 1111
−0.03655°/sec
−2
0xFFFE
1111 1111 1111 1110
−450°/sec
−24,623
0x9FD1
1001 1111 1101 0001
The GYRO_OUT2 register (see Table 11) captures the bit growth
associated with the decimation and FIR filters that are shown in
Figure 18 using a MSB justified format. The bit growth starts
with the MSB (GYRO_OUT2[15]), is equal to the decimation
rate setting in DEC_RATE[4:0] (see Table 18), and grows in the
LSB direction as the decimation rate increases. See Figure 14 for
more details.
Table 11. GYRO_OUT2 Bit Descriptions
Bits
Description
[15:0]
Rotation rate data; resolution enhancement bits
Figure 14. Gyroscope Output Format, DEC_RATE[4:0] > 0
Internal Temperature
The TEMP_OUT register (see Table 12) provides an internal
temperature measurement that can be useful for observing
relative temperature changes in the environment. Table 13
provides several coding examples for converting the 16-bit
twos complement number into units for temperature (°C).
Table 12. TEMP_OUT Bit Descriptions
Bits
Description
[15:0]
Temperature data; twos complement, 0.010697°C per
LSB, 0°C = 0x0000
Table 13. Temperature, Twos Complement Format
Temperature
Decimal
Hex
Binary
+85°C
+7946
0x1F0A
0001 1111 0000 1010
+0.021394°C
+2
0x0002
0000 0000 0000 0010
+0.010697°C
+1
0x0001
0000 0000 0000 0001
0°C
0
0x0000
0000 0000 0000 0000
−0.010697 °C
−1
0xFFFF
1111 1111 1111 1111
−0.021394°C
−2
0xFFFE
1111 1111 1111 1110
−40°C
−3739
0xF165
1111 0001 0110 0101
DEVICE CONFIGURATION
The control registers listed in Table 14 provide a variety of user
configuration options. The SPI provides access to these registers,
one byte at a time, using the bit assignments shown in Figure 13.
Each register has 16 bits, wherein Bits[7:0] represent the lower
address and Bits[15:8] represent the upper address.
Figure 15 provides an example of writing 0x03 to Address 0x22
(DEC_RATE[7:0]), using Pin 5, DIN = 0xA203. This example
reduces the sample rate by a factor of 8 (see Table 16).
Figure 15. SPI Sequence for Setting the Decimate Rate to 8 (DIN = 0xA203)
Dual Memory Structure
Writing configuration data to a control register updates its SRAM
contents, which are volatile. After optimizing each relevant control
register setting in a system, set GLOB_CMD[3] = 1 (DIN =
0xA808) to backup these settings in the nonvolatile flash memory.
The flash back up process requires a valid power supply level for
the entire 72 ms process time. Table 14 provides a user register
memory map that includes a column of flash backup information.
A “yes” in this column indicates that a register has a mirror location
in flash and, when backed up properly, automatically restores itself
during startup or after a reset. Figure 16 provides a diagram of the
dual memory structure that is used to manage operation and store
critical user settings.
Figure 16. SRAM and Flash Memory Diagram
GYROSCOPE DATA
NOT USED
D
15
0 15
0
D = DEC_RATE[4:0]
BIT WEIGHT =
0.018275
2D
LSB = GYRO_OUT2[16-D]
°/sec
LSB
GYRO_OUT
GYRO_OUT2
DIN = 1010 0010 0000 0011 = 0xA203, WRITES 0x03 TO ADDRESS 0x22
SCLK
DIN
CS
NONVOLATILE
FLASH MEMORY
(NO SPI ACCESS)
MANUAL
FLASH
BACKUP
START-UP
RESET
VOLATILE
SRAM
SPI ACCESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com