Electronic Components Datasheet Search
  English  ▼

X  

ADIS16136AMLZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16136AMLZ
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136AMLZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16136AMLZ Datasheet HTML 7Page - Analog Devices ADIS16136AMLZ Datasheet HTML 8Page - Analog Devices ADIS16136AMLZ Datasheet HTML 9Page - Analog Devices ADIS16136AMLZ Datasheet HTML 10Page - Analog Devices ADIS16136AMLZ Datasheet HTML 11Page - Analog Devices ADIS16136AMLZ Datasheet HTML 12Page - Analog Devices ADIS16136AMLZ Datasheet HTML 13Page - Analog Devices ADIS16136AMLZ Datasheet HTML 14Page - Analog Devices ADIS16136AMLZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADIS16136
Rev. A | Page 11 of 20
DIGITAL PROCESSING CONFIGURATION
Figure 18 provides a block diagram for the sampling and digital
filter stages inside the ADIS16136. Table 15 provides a summary
of registers for sample rate and filter control.
Table 15. Digital Processing Registers
Register Name
Address
Description
SMPL_PRD
0x1E
Sample rate control
AVG_CNT
0x20
Digital filtering and range control
DEC_RATE
0x22
Decimation rate setting
INTERNAL SAMPLE RATE
The SMPL_PRD register in Table 16 provides a programmable
control for the internal sample rate. Use the following formula
to calculate the decimal number for the code to write into this
register:
( )
;1
768
,
32
_
−
=
S
f
PRD
SMPL
fS ≤ 2048 SPS
The factory default setting for SMPL_PRD sets the internal
sample rate to a rate of 1024 SPS; the minimum setting for the
SMPL_PRD register is 0x000F, which results in an internal
sample rate of 2048 SPS.
Table 16. SMPL_PRD Bit Descriptions
Bits
Description (Default = 0x001F)
[15:0]
Clock setting bits; sets fS in Figure 18
INPUT CLOCK CONFIGURATION
Set SMPL_PRD = 0x0000 (DIN = 0x9F00, then DIN = 0x9E00)
to disable the internal clock and enable DIO4/CLKIN as a clock
input pin.
DIGITAL FILTERING
The AVG_CNT register (see Table 17) provides user controls
for the low-pass filter. This filter contains two cascaded averaging
filters that provide a Bartlett window FIR filter response (see
Figure 18). For example, set AVG_CNT[7:0] = 0x04 (DIN =
0xA004) to set each stage to 16 taps. When used with the default
sample rate of 1024 SPS, this establishes a −3 dB bandwidth of
approximately 24 Hz for this filter.
Figure 17. Bartlett Window FIR Filter Frequency Response
Table 17. AVG_CNT Bit Descriptions
Bits
Description (Default = 0x0000)
[15:3]
Don’t care
[2:0]
Binary; B variable in Figure 18; maximum = 110 (6)
0
–20
–40
–60
–80
–100
–120
–140
0.001
0.01
0.1
1
FREQUENCY (
f/fS)
N = 2
N = 4
N = 16
N = 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com