Electronic Components Datasheet Search
  English  ▼

X  

ADIS16136AMLZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16136AMLZ
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136AMLZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16136AMLZ Datasheet HTML 10Page - Analog Devices ADIS16136AMLZ Datasheet HTML 11Page - Analog Devices ADIS16136AMLZ Datasheet HTML 12Page - Analog Devices ADIS16136AMLZ Datasheet HTML 13Page - Analog Devices ADIS16136AMLZ Datasheet HTML 14Page - Analog Devices ADIS16136AMLZ Datasheet HTML 15Page - Analog Devices ADIS16136AMLZ Datasheet HTML 16Page - Analog Devices ADIS16136AMLZ Datasheet HTML 17Page - Analog Devices ADIS16136AMLZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADIS16136
Data Sheet
Rev. A | Page 14 of 20
ALARMS
The alarm function provides monitoring for two independent
conditions. Table 22 contains a list of registers that provide
configuration and control inputs for the alarm function.
Table 22. Registers for Alarm Configuration
Register
Address
Description
ALM_MAG1
0x10
Alarm 1, trigger setting
ALM_MAG2
0x12
Alarm 2, trigger setting
ALM_SMPL1
0x14
Alarm 1, sample period
ALM_SMPL2
0x16
Alarm 2, sample period
ALM_CTRL
0x18
Alarm configuration
The ALM_CTRL register (see Table 26) provides data source
selection (Bits[15:8]), static/dynamic setting for each alarm
(Bits[7:6]), trigger polarity (Bits[5:4]), data source filtering
(Bit 3), and an alarm indicator signal (Bits[2:0]).
STATIC ALARM USE
The static alarms setting compares the data source selection
(ALM_CTRL[15:8]) with the values in the ALM_MAGx
registers in Table 23 and Table 24. The data format in these
registers matches the format of the data selection in
ALM_CTRL[15:8]. ALM_CTRL[5:4] provide polarity
settings. See Table 27 for a static alarm configuration
example.
Table 23. ALM_MAG1 Bit Descriptions
Bits
Description (Default = 0x0000)
[15:0]
Threshold setting; matches format of the
ALM_CTRL[11:8] selection
Table 24. ALM_MAG2 Bit Descriptions
Bits
Description (Default = 0x0000)
[15:0]
Threshold setting; matches for format of the
ALM_CTRL[15:12] selection
DYNAMIC ALARM USE
The dynamic alarm setting monitors the data selection for a
rate-of-change comparison. The rate of change is represented
by the magnitude in the ALM_MAGx registers over the time
represented by the number of samples in the ALM_SMPLx
register (see Table 25). See Table 27 for a dynamic alarm
configuration example.
Table 25. ALM_SMPL1, ALM_SMPL2 Bit Descriptions
Bits
Description (Default = 0x0000)
[15:8]
Not used
[7:0]
Binary, number of samples (both 0x00 and 0x01 = 1)
ALARM REPORTING
DIAG_STAT[9:8] provide error flags that indicate an alarm
condition. ALM_CTRL[2:0] provide controls for a hardware
indicator using DIO1 or DIO2.
Table 26. ALM_CTRL Bit Descriptions
Bits
Description (Default = 0x0000)
[15:12]
Alarm 2 source selection
0000 = disable
0001 = GYRO_OUT (does not include GYRO_OUT2)
0010 = TEMP_OUT
0011 = DIAG_STAT
[11:8]
Alarm 1 source selection (same as Alarm 2)
7
Rate-of-change enable for Alarm 2
(1 = rate of change, 0 = static level)
6
Rate-of-change enable for Alarm 1
(1 = rate of change, 0 = static level)
5
Comparison polarity for Alarm 2
(1 specifies >ALM_MAG2, 0 specifies <ALM_MAG2)
4
Comparison polarity for Alarm 1
(1 specifies >ALM_MAG1, 0 specifies <ALM_MAG1)
3
Comparison data filter setting1
(1 = Bartlett filter, 0 = no filtering)
2
Alarm output enable
(1 = enabled, 0 = disabled)
1
Alarm output polarity
(1 = active high, 0 = active low)
0
Alarm output line select
(1 = DIO2, 0 = DIO1)
1
Filtering applies to GYRO_OUT only.
Alarm Example
Table 27 offers an example that configures Alarm 1 to trigger
when filtered GYRO_OUT data drops below 50°/sec and Alarm 2
to trigger when filtered GYRO_OUT data changes by more
than 50°/sec over a 100 ms period, or 500°/sec2. The filter
setting helps reduce false triggers from noise and refine the
accuracy of the trigger points. The ALM_SMPL2 setting of
102 samples provides a comparison period that is 99.6 ms for
an internal sample rate of 1024 SPS. There is no need to pro-
gram ALM_SMPL1 because Alarm 1 is a static alarm in this
example.
Table 27. Alarm Configuration Example 1
DIN
Description
0x9911,
0x98AF
ALM_CTRL = 0x11AF
Alarm 2: dynamic; ΔGYRO_OUT
(Δtime, ALM_ SMPL2) > ALM_MAG2
Alarm 1: static; GYRO_OUT < ALM_MAG1
use filtered data source for comparison
DIO2 output indicator, positive polarity
0x930A,
0x92AF
ALM_MAG2 = 0x0AAF, (+50°/sec)
0x910A,
0x90AF
ALM_MAG1 = 0x0AAF, (+50°/sec)
0x9666
ALM_SMPL2[7:0] = 0x66, (102 samples)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com