Electronic Components Datasheet Search
  English  ▼

X  

ADL5324 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5324
Description  400 MHz to 4000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5324 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5324 Datasheet HTML 5Page - Analog Devices ADL5324 Datasheet HTML 6Page - Analog Devices ADL5324 Datasheet HTML 7Page - Analog Devices ADL5324 Datasheet HTML 8Page - Analog Devices ADL5324 Datasheet HTML 9Page - Analog Devices ADL5324 Datasheet HTML 10Page - Analog Devices ADL5324 Datasheet HTML 11Page - Analog Devices ADL5324 Datasheet HTML 12Page - Analog Devices ADL5324 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADL5324
Rev. 0 | Page 9 of 20
50
0
2110
2120
2130
2140
2150
2160
2170
FREQUENCY (MHz)
5
10
15
20
25
30
35
40
45
OIP3 (dBm)
P1dB (dBm)
GAIN (dB)
NF (dB)
Figure 10. Gain, P1dB, OIP3, and Noise Figure vs. Frequency,
2110 MHz to 2170 MHz
16.0
15.5
15.0
14.5
14.0
13.5
13.0
2110
2120
2130
2140
2150
2160
2170
FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 11. Gain vs. Frequency and Temperature, 2110 MHz to 2170 MHz
0
–10
–15
–5
–40
2110
2170
FREQUENCY (MHz)
–30
–35
–25
–20
2120
2130
2140
2150
2160
S12
S11
S22
Figure 12. Input Return Loss (S11), Output Return Loss (S22), and Reverse
Isolation (S12) vs. Frequency, 2110 MHz to 2170 MHz
–40°C
–40°C
35
25
2110
2120
2130
2140
2150
2160
2170
FREQUENCY (MHz)
+85°C
+85°C
28
30
32
34
36
38
40
42
44
46
48
26
27
28
29
30
31
32
33
34
+25°C
+25°C
Figure 13. OIP3 and P1dB vs. Frequency and Temperature,
2110 MHz to 2170 MHz
2110MHz
2140MHz
2170MHz
50
48
30
42
40
38
36
34
32
44
46
–5
0
5
10
15
20
POUT PER TONE (dBm)
Figure 14. OIP3 vs. POUT and Frequency, 2110 MHz to 2170 MHz
6
5
2
2110
2170
FREQUENCY (MHz)
3
4
2120
2130
2140
2150
2160
–40°C
+25°C
+85°C
Figure 15. Noise Figure vs. Frequency and Temperature,
2110 MHz to 2170 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com