Electronic Components Datasheet Search
  English  ▼

X  

ADL5324 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5324
Description  400 MHz to 4000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5324 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5324 Datasheet HTML 12Page - Analog Devices ADL5324 Datasheet HTML 13Page - Analog Devices ADL5324 Datasheet HTML 14Page - Analog Devices ADL5324 Datasheet HTML 15Page - Analog Devices ADL5324 Datasheet HTML 16Page - Analog Devices ADL5324 Datasheet HTML 17Page - Analog Devices ADL5324 Datasheet HTML 18Page - Analog Devices ADL5324 Datasheet HTML 19Page - Analog Devices ADL5324 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADL5324
Rev. 0 | Page 17 of 20
EVALUATION BOARD
The schematic of the ADL5324 evaluation board is shown in
Figure 39. This evaluation board uses 25 mil wide traces and is
made from FR4 material. The evaluation board comes tuned for
operation in the 2110 MHz to 2170 MHz tuning band. Tuning
options for other frequency bands are also provided in Table 9.
The recommended placement for these components is provided
in Table 10. The inputs and outputs should be ac-coupled with
appropriately sized capacitors. dc bias is provided to the amp-
lifier via an inductor connected to the RFOUT pin. A bias
voltage of 5 V is recommended.
1
2
(2)
3
ADL5324
C6 10µF
C5 10nF
C4 100pF
L1
15nH
VSUP
GND
RFIN
C7
20pF
C23
2.2pF
RFOUT
C31
2.4pF
C12
2pF
λ14
λ24
1MURATA HIGH Q CAPACITOR GRM615COG2R4B50 OR EQUIVALENT.
2MURATA HIGH Q CAPACITOR GRM615COG020B50 OR EQUIVALENT.
3MURATA HIGH Q CAPACITOR GRM615COG2R2B50 OR EQUIVALENT.
4SEE TABLE 10 FOR RECOMMENDED COMPONENT SPACING.
R1
0Ω
R2
0Ω
Figure 39. Evaluation Board, 2110 MHz to 2170 MHz
R2
0
Ω
R1
0Ω
C3
2.4pF
100pF
L1
15nH
C7
20pF
C2
2.2pF
193mils
65mils
C1
2pF
Figure 40. Evaluation Board Layout and Default Component Placement for
2110 MHz to 2170 MHz
Table 10. Recommended Components for Basic Connections
Function/
Component
420 MHz to
494 MHz
728 MHz to
768 MHz
800 MHz to
960 MHz
1880 MHz to
1990 MHz
2110 MHz to
2170 MHz
(Default)
2300 MHz to
2400 MHz
2560 MHz to
2690 MHz
3500 MHz to
3700 MHz
AC Coupling
Capacitors
C3 = 0402
10 pF
10pF1
10 pF
2.4 pF1
2.4 pF1
2.4 pF1
2pF1
1pF1
C7 = 0402
20 pF
20 pF
20 pF
20 pF
20 pF
20 pF
20 pF1
20 pF
Power Supply
Bypassing
Capacitors
C4 = 0402
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
C5 = 0603
10 nF
10 nF
10 nF
10 nF
10 nF
10 nF
10 nF
10 nF
C6 = 1206
10 µF
10 µF
10 µF
10 µF
10 µF
10 µF
10 µF
10 µF
DC Bias Inductor
120 nH
18 nH
18 nH
15 nH
15 nH
15 nH
15 nH
15 nH
L1 = 0603CS
Tuning
Capacitors
C1 = 0402
20 pF1
8 pF1
8 pF1
2.4 pF1
2.0 pF1
1.5 pF1
1.0 pF1
0.5 pF1
C2 = 0402
6.2 pF1
3.9 pF1
3.6 pF1
2.4 pF1
2.2 pF1
2.0 pF1
2.0 pF1
0.75 pF1
Jumpers
R1 = 0402
2 Ω
2 Ω
2 Ω
0 Ω
0 Ω
0 Ω
0 Ω
0 Ω
R2 = 0402
5.6 nH2
2.4 nH3
2.4 nH3
0 Ω
0 Ω
0 Ω
0 Ω
4.7 nH3
Power Supply
Connections
VSUP
Red test loop
GND
Black test loop
1 Murata High Q capacitor.
2 Add a 1.6 nH at input (see Figure 41).
3 Coilcraft 0402CS series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com