Electronic Components Datasheet Search
  English  ▼

X  

ADL5355 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5355
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5355 Datasheet HTML 2Page - Analog Devices ADL5355 Datasheet HTML 3Page - Analog Devices ADL5355 Datasheet HTML 4Page - Analog Devices ADL5355 Datasheet HTML 5Page - Analog Devices ADL5355 Datasheet HTML 6Page - Analog Devices ADL5355 Datasheet HTML 7Page - Analog Devices ADL5355 Datasheet HTML 8Page - Analog Devices ADL5355 Datasheet HTML 9Page - Analog Devices ADL5355 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADL5363
Rev. 0 | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NOTES
1.
2
NC = NO CONNECT. DO NOT CONNECT
TO THIS PIN.
. EXPOSED PAD. MUST BE SOLDERED
TO GROUND.
1
VPMX
2
RFIN
3
RFCT
4
COMM
5
COMM
13 VGS1
14 VPSW
15 LOI2
12 VGS0
11 LOI1
TOP VIEW
(Not to Scale)
ADL5363
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VPMX
Positive Supply Voltage.
2
RFIN
RF Input. Must be ac-coupled.
3
RFCT
RF Balun Center Tap (AC Ground).
4, 5,16
COMM
Device Common (DC Ground).
6, 8
VLO3, VLO2
Positive Supply Voltages for LO Amplifier.
7
LGM3
LO Amplifier Bias Control.
9
LOSW
LO Switch. LOI1 selected for 0 V, and LOI2 selected for 3 V.
10
NC
No Connect.
11, 15
LOI1, LOI2
LO Inputs. Must be ac-coupled.
12, 13
VGS0, VGS1
Mixer Gate Bias Controls. 3 V logic. Ground these pins for nominal setting.
14
VPSW
Positive Supply Voltage for LO Switch.
17
PWDN
Power Down. Connect this pin to ground for normal operation and connect this pin to 3.0 V for disable mode.
18, 19
IFON, IFOP
Differential IF Outputs.
20
VCMI
No Connect. This pin can be grounded.
EPAD (EP)
Exposed pad. Must be soldered to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com