Electronic Components Datasheet Search
  English  ▼

X  

ADL5355 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5355
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5355 Datasheet HTML 6Page - Analog Devices ADL5355 Datasheet HTML 7Page - Analog Devices ADL5355 Datasheet HTML 8Page - Analog Devices ADL5355 Datasheet HTML 9Page - Analog Devices ADL5355 Datasheet HTML 10Page - Analog Devices ADL5355 Datasheet HTML 11Page - Analog Devices ADL5355 Datasheet HTML 12Page - Analog Devices ADL5355 Datasheet HTML 13Page - Analog Devices ADL5355 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5363
Rev. 0 | Page 10 of 24
VS = 5 V, IS = 100 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
12
10
11
8
9
7
6
5
4
–6
–4
–2
0
2
4
6
8
10
LO POWER (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 18. Power Conversion Loss vs. LO Power
36
34
32
30
28
26
24
22
20
–6
–4
–2
02468
10
LO POWER (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 19. Input IP3 vs. LO Power
80
70
60
50
40
30
20
10
0
–6
–4
–2
02468
10
LO POWER (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 20. Input IP2 vs. LO Power
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 21. IF/2 Spurious vs. RF Frequency
–20
–30
–40
–50
–60
–70
–80
–90
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 22. IF/3 Spurious vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com