Electronic Components Datasheet Search
  English  ▼

X  

ADP198 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP198
Description  Logic Controlled, 1 A, High-Side Load
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP198 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP198 Datasheet HTML 7Page - Analog Devices ADP198 Datasheet HTML 8Page - Analog Devices ADP198 Datasheet HTML 9Page - Analog Devices ADP198 Datasheet HTML 10Page - Analog Devices ADP198 Datasheet HTML 11Page - Analog Devices ADP198 Datasheet HTML 12Page - Analog Devices ADP198 Datasheet HTML 13Page - Analog Devices ADP198 Datasheet HTML 14Page - Analog Devices ADP198 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADP198
Rev. D | Page 11 of 16
THEORY OF OPERATION
GND
EN
VIN
SEL0
SEL1
VOUT
ADP198
SLEW
RATE CONTROL
LEVEL SHIFT
REVERSE
POLARITY
PROTECTION
Figure 22. Functional Block Diagram
The ADP198 is a high-side PMOS load switch that is designed
for supply operation between 1.65 V and 6.5 V. The PMOS load
switch has a low on resistance of 50 mΩ at VIN = 3.3 V and
supports 1 A of continuous load current. The ADP198 features
low quiescent current at 2.5 μA typical using a 2.8 V supply.
The enable input incorporates a nominal 4 MΩ pull-down
resistor. SEL0 and SEL1 program the start-up time of the load
switch to reduce inrush current when the switch is turned on.
The reverse current protection circuitry prevents current from
flowing backwards through the ADP198 when the output voltage
is greater than the input voltage. A comparator senses the differ-
ence between the input and output voltages. When the difference
between the input voltage and output voltage exceeds 75 mV,
the body of the PFET is switched to VOUT and turned off or
opened. In other words, the gate is connected to VOUT.
The packaging is a space-saving 1 mm × 1 mm, 4-ball WLCSP.
The ADP198 is also available in a 2 mm × 2 mm × 0.55 mm,
0.5 mm pitch LFCSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com