Electronic Components Datasheet Search
  English  ▼

X  

ADP198 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP198
Description  Logic Controlled, 1 A, High-Side Load
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP198 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP198 Datasheet HTML 8Page - Analog Devices ADP198 Datasheet HTML 9Page - Analog Devices ADP198 Datasheet HTML 10Page - Analog Devices ADP198 Datasheet HTML 11Page - Analog Devices ADP198 Datasheet HTML 12Page - Analog Devices ADP198 Datasheet HTML 13Page - Analog Devices ADP198 Datasheet HTML 14Page - Analog Devices ADP198 Datasheet HTML 15Page - Analog Devices ADP198 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADP198
Data Sheet
Rev. D | Page 16 of 16
PACKAGING AND ORDERING INFORMATION
OUTLINE DIMENSIONS
0.990
0.950
0.910
1.065
1.025
0.985
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
A
1
2
B
BALL A1
IDENTIFIER
0.50
REF
0.640
0.595
0.550
END VIEW
0.340
0.320
0.300
0.370
0.355
0.340
SEATING
PLANE
0.270
0.240
0.210
COPLANARITY
0.05
Figure 33. 4-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-4-4)
Dimensions shown in millimeters
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
2.00
BSC SQ
SEATING
PLANE
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.175 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 34. 8-Lead Lead Frame Chip Scale Package [LFCSP_UD]
2.00 × 2.00 mm Body, Ultra Thin, Dual Lead
(CP-8-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Start-Up
Time (μs)
Package Description
Package
Option
Branding
ADP198ACBZ-R7
−40°C to +85°C
30
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-4
8C
ADP198ACBZ-11-R7
−40°C to +85°C
1000
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-4
2W
ADP198ACPZ-R7
−40°C to +85°C
Pin selectable:
30, 200, 450,
and 1000
8-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-8-10
LJL
ADP198CP-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2011–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09484-0-6/12(D)
www.analog.com/ADP198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com