Electronic Components Datasheet Search
  English  ▼

X  

HMC767LP6CE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC767LP6CE
Description  FRACTIONAL-N PLL WITH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC767LP6CE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC767LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC767LP6CE
v01.0112
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 8.45 - 9.55 GHz
Parameter
Condition
Min.
typ.
Max.
Units
RF Output Characteristics
VCO Output Frequency range
8.45
9.0
9.55
ghz
VCO Output Power [1]
12
dBm
VCO tuning Voltage
2
13
V
VCO tuning Sensitivity
V
tUne = 6V
150
Mhz/V
Frequency Pulling
into a 2:1 VSwr
6
Mhz pp
Frequency Pushing
V
tUne = 5V
20
Mhz/V
Frequency drift rate
0.8
Mhz/ °C
Sub harmonic (1/2)
40
dBc
harmonic (2nd)
15
dBc
harmonic (3rd)
40
dBc
VCO SSB Phase noise @ 100 khz Offset (Open
Loop)
V
tUne = +5V
Fvco = 9.0 ghz
-115
dBc/hz
Synthesizer in-Band SSB Phase noise
@ 10 khz Offset (integer / Fractional)
Fref = 50 Mhz Fvco = 9.0 ghz
Loop Bw = 100 khz
-107/-102
dBc/hz
Synthesizer noise Floor, Figure Of Merit
(integer / Fractional)
-230 / -227
dBc/hz
Synthesizer Fractional Spurs [2]
-65
-38
dBc
Synthesizer Frequency Settling time
(100 Mhz Step)
9.0 ghz to 9.1 ghz
Loop Bw = 100 khz, 10°
433
μs
RF/2 Divider Range
> 4ghz integer Mode
16 bit, even values only
32
131,070
< 4ghz integer Mode
16 bit, all values
16
65,535
> 4ghz Fractional Mode
16 bit
40
131,065
< 4ghz Fractional Mode
16 bit
20
65,531
Electrical Specifications, T
A = +25° C; VCCVCO, VDDLS, VPPCPA = +5V;
RVDD, AVDD, VCCPS, VCCHF, VDDPD, DVDD, VDDIO = + 3.3V
General Description
the hMC767LP6Ce is a fully functioned Fractional-n Phase-Locked-Loop (PLL) Frequency Synthesizer with an
integrated Voltage Controlled Oscillator (VCO). the input reference frequency range is dC to 350 Mhz while the
advanced delta-sigma modulator design in the fractional synthesizer allows both ultra-fine step sizes and very low
spurious products. the highly integrated structure provides excellent phase noise performance over temperature,
shock and process. in addition, the hMC767LP6Ce offers frequency sweep and modulation features, external
triggering, double-buffering, exact frequency control, phase modulation and more. the hMC767LP6Ce is packaged
in a leadless QFn 6 x 6 mm surface mount package.
For theory of operation and register map refer to the “PLLs w/ Integrated VCO - Microwave VCOs” Operating Guide.
To view the Operating Guide, please visit www.hittite.com and choose HMC767LP6CE from the “Search by Part
Number” pull down menu.
[1] See power output vs. tuning voltage graph for power slope.
[2] actual spur level is dependent on loop parameters and will increase at division ratios closest to integer boundaries.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com