Electronic Components Datasheet Search
  English  ▼

X  

HMC767LP6CE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC767LP6CE
Description  FRACTIONAL-N PLL WITH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC767LP6CE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC767LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC767LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC767LP6CE
v01.0112
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 8.45 - 9.55 GHz
Parameter
Condition
Min.
typ.
Max.
Units
REF Input Characteristics
Frequency range (3.3V)
dC
50
350
Mhz
Power From 50Ω Source
with off chip 100Ω
termination
6
dBm
return Loss
-16
-8
dBm
ref divider range (14-Bit)
1
16,383
Phase Detector Rate
integer Mode
dC
50
115
Mhz
Fractional Mode a
dC
50
80
Mhz
Fractional Mode B
dC
50
100
Mhz
Charge Pump
CP Output Current
20µa steps
CP_gain = CP_current ÷ 2∏
(amps/rad)
0.02
2.5
ma
CP hiK
see “Charge Pump gain”
section of “Operation guide”
3.5
6
ma
Logic Inputs
Switching threshold (Vsw)
Vih/ViL within 50mV of Vsw
38
47
54
%VddiO
Logic Outputs
VOh Output high Voltage
VddiO
V
VOL Output Low Voltage
0
V
Output impedance: Pull Up
VddiO = 3.3V
115
150
180
Ω
Output impedance: Pull dn
VddiO = 3.3V
130
135
210
Ω
dC Load
1.5
ma
digital Output driver delay
SCK to digital Output delay
1.7 ns with a 3 pF load
0.5ns + 0.2ns/pF
8.2ns + 0.2ns/pF
ns
Power Supply Voltages
VCCVCO - VCO Supply
4.75
5.0
5.25
V
rVdd, aVdd, VCCPS, VCChF,
VddPd - analog Supply
all must be equal
2.7
3.3
3.5
V
dVdd, VddiO - digital Supply
both must be equal
2.7
3.3
3.5
V
VddLS, VPPCPa - Charge pump
both must be equal
4.7
5.0
5.2
V
Power Supply Currents
5.0V - VCO Current Consumption
230
250
270
ma
3.3V - PLL Current Consumption
all modes
34
54
95
ma
5.0V - Charge Pump Current Consumption
all modes
3
7
16
ma
Power down Current
except VCO
100
µa
Bias Reference Voltage (Pin 20)
Measured with 10 gΩ meter
1.88
1.92
1.96
V
Electrical Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com