Electronic Components Datasheet Search
  English  ▼

X  

HMC1024 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC1024
Description  GaAs pHEMT MMIC 1 WATT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1024 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC1024 Datasheet HTML 1Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 2Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 3Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 4Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 5Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 6Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 7Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 8Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC1024
v00.0312
GaAs pHEMT MMIC 1 WATT
POWER AMPLIFIER, 27.5 - 33.5 GHz
General Description
Features
Functional Diagram
The hmC1024 is a four stage GaAs phemT mmiC
1 watt power Amplifier which operates between 27.5
and 33.5 Ghz. The hmC1024 provides 24 dB of gain,
+31 dBm of saturated output power, and 29% pAe
from a +5 V power supply. The hmC1024 exhibits
excellent linearity and is optimized for high capacity
point to point and point to multi-point radio systems.
The amplifier configuration and high gain make it an
excellent candidate for last stage signal amplification
before the antenna. All data is taken with the chip in a
50 ohm test fixture connected via (2) 0.025 mm (1 mil)
diameter wire bonds of 0.31 mm (12 mil) length.
saturated output power: +31 dBm @ 29% pAe
high output ip3: +40 dBm
high Gain: 24 dB
DC supply: +5V @ 600 mA
no external matching required
Die size: 2.79 x 1.3 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd1, Vdd2, = +5V, Idd = 600 mA
[1]
Typical Applications
The hmC1024 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT & SATCOM
• Military & Space
parameter
min.
Typ.
max.
Units
frequency range
27.5 - 30
30 - 33.5
Ghz
Gain
20.5
23.5
21.5
24.5
dB
Gain Variation over Temperature
0.025
0.025
dB/ °C
input return loss
12
17
dB
output return loss
12
18
dB
output power for 1 dB Compression (p1dB)
27
29
27
28.5
dBm
saturated output power (psat)
31
30.5
dBm
output Third order intercept (ip3)[2]
40
40
dBm
Total supply Current (idd)
600
600
mA
[1] Adjust Vgg between -2 to 0V to achieve idd = 600 mA typical.
[2] measurement taken at +5 V @ 600mA, pout / Tone = +20 dBm


Similar Part No. - HMC1024

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1020LP4E HITTITE-HMC1020LP4E Datasheet
1Mb / 22P
RMS POWER DETECTOR SINGLE-ENDED, DC - 3.9 GHz
logo
Analog Devices
HMC1020LP4E AD-HMC1020LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR SINGLE-ENDED
logo
Honeywell Solid State E...
HMC1021 HONEYWELL-HMC1021 Datasheet
628Kb / 15P
1- and 2-Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1021 HONEYWELL-ACC-HMC1021 Datasheet
1Mb / 15P
1- and 2-Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC1021D HONEYWELL-HMC1021D Datasheet
628Kb / 15P
1- and 2-Axis Magnetic Sensors
More results

Similar Description - HMC1024

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC590 HITTITE-HMC590 Datasheet
377Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 10.0 GHz
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC592 HITTITE-HMC592_09 Datasheet
292Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10 - 13 GHz
HMC864_1007 HITTITE-HMC864_1007 Datasheet
722Kb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
logo
Analog Devices
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC863ALC4 AD-HMC863ALC4 Datasheet
915Kb / 11P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER
HMC590 AD-HMC590 Datasheet
402Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com