Electronic Components Datasheet Search
  English  ▼

X  

HMC1024 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC1024
Description  GaAs pHEMT MMIC 1 WATT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1024 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC1024 Datasheet HTML 1Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 2Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 3Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 4Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 5Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 6Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 7Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 8Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC1024
v00.0312
GaAs pHEMT MMIC 1 WATT
POWER AMPLIFIER, 27.5 - 33.5 GHz
Output IP3 vs.
Supply Current, Pout/Tone = +20 dBm
Output IP3 vs.
Temperature, Pout/Tone = +20 dBm
Psat vs. Supply Current (Idd)
P1dB vs. Supply Current (Idd)
Psat vs. Temperature
Psat vs. Supply Voltage
24
26
28
30
32
34
27
28
29
30
31
32
33
34
+25 C
+85 C
-55 C
FREQUENCY (GHz)
24
26
28
30
32
34
27
28
29
30
31
32
33
34
5V
5.5V
6V
FREQUENCY (GHz)
24
26
28
30
32
34
27
28
29
30
31
32
33
34
500 mA
600 mA
700 mA
FREQUENCY (GHz)
24
26
28
30
32
34
28
29
30
31
32
33
34
500 mA
600 mA
700 mA
FREQUENCY (GHz)
25
30
35
40
45
27
28
29
30
31
32
33
34
+25 C
+85 C
-55 C
FREQUENCY (GHz)
25
30
35
40
45
27
28
29
30
31
32
33
34
500 mA
600 mA
700 mA
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com