Electronic Components Datasheet Search
  English  ▼

X  

DM8603EP Datasheet(PDF) 62 Page - Davicom Semiconductor, Inc.

Part # DM8603EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM8603EP Datasheet(HTML) 62 Page - Davicom Semiconductor, Inc.

Back Button DM8603EP Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 61Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 64Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 65Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 66Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 107 page
background image
DM8603
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
Preliminary datasheet
62
DM8603-12-DS-P01
November 8, 2010
7.3.52 SMI Bus Error Check Register (339h)
PHY_ADR
REG_ADR
ABS_ADR
19h
19h
339h
Bit
ROM
Type
Default
Description
15:9
--
RO
0h
RESERVED
Write as 0h, ignore when read
8
---
PS,RO
0b
SMI_ERR
SMI Bus Error Status(Read only)
0: Checksum check correct
1: Checksum check error
7:0
---
PS,RW
0h
SMI_CSUM[7:0]
SMI Bus Command Checksum
Calculated checksum value by HW
7.3.53 SMI Bus Control Register (33Ah)
PHY_ADR
REG_ADR
ABS_ADR
19h
1Ah
33Ah
Bit
ROM
Type
Default
Description
15:1
---
RO
0h
RESERVED
Write as 0h, ignore when read
0
---
P,RW
0b
SMI_ECE
SMI Bus Error Check Enable
0: Disable
1: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com