Electronic Components Datasheet Search
  English  ▼

X  

DM8603EP Datasheet(PDF) 19 Page - Davicom Semiconductor, Inc.

Part # DM8603EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM8603EP Datasheet(HTML) 19 Page - Davicom Semiconductor, Inc.

Back Button DM8603EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
DM8603
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
Preliminary datasheet
19
DM8603-12-DS-P01
November 8, 2010
6.4
PHY ID Identifier Register 1 (042h, 062h)
PHY_ADR
REG_ADR
ABS_ADR
02h, 03h
02h
042h, 062h
Bit
Bit Name
Default
Description
15:0
OUI_MSB
RO
0181h
OUI Most Significant Bits
This register stores bit 3 to 18 of the OUI (00606E) to bit 15 to 0 of
this register respectively. The most significant two bits of the OUI are
ignored (the IEEE standard refers to these as bit 1 and 2)
The PHY Identifier Registers #1 and #2 work together in a single identifier of the DM8603. The Identifier
consists of a concatenation of the Organizationally Unique Identifier (OUI), a vendor's model number, and a
model revision number. DAVICOM Semiconductor's IEEE assigned OUI is 00606E.
6.5
PHY ID Identifier Register 2 (043h, 063h)
PHY_ADR
REG_ADR
ABS_ADR
02h, 03h
03h
043h, 063h
Bit
Bit Name
Default
Description
15:10
OUI_LSB
RO/P
101110b
OUI Least Significant Bits
Bit 19 to 24 of the OUI (00606E) are mapped to bit 15 to 10 of this
register respectively
9:4
VNDR_MDL
RO/P
001011b
Vendor Model Number
Five bits of vendor model number mapped to bit 9 to 4 (most
significant bit to bit 9)
3:0
MDL_REV
RO/P
0001b
Model Revision Number
Five bits of vendor model revision number mapped to bit 3 to 0 (most
significant bit to bit 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com