Electronic Components Datasheet Search
  English  ▼

X  

DM9006 Datasheet(PDF) 49 Page - Davicom Semiconductor, Inc.

Part # DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 Datasheet(HTML) 49 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 53Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
DM9006
2-port Switch with Processor Interface
Preliminary datasheet
49
DM9006-13-DS-P01
September 1, 2009
8.8 DAVICOM Specified Configuration Register (DSCR) – 10H
Bit
Bit Name
Default
Description
15
BP_4B5B
0,RW
Bypass 4B5B Encoding and 5B4B Decoding
1 = 4B5B encoder and 5B4B decoder function bypassed
0 = Normal 4B5B and 5B4B operation
14
BP_SCR
0, RW
Bypass Scrambler/Descrambler Function
1 = Scrambler and descrambler function bypassed
0 = Normal scrambler and descrambler operation
13
BP_ALIGN
0, RW
Bypass Symbol Alignment Function
1 = Receive functions (descrambler, symbol alignment and symbol
decoding functions) bypassed. Transmit functions (symbol
encoder and scrambler) bypassed
0 = Normal operation
12
BP_ADPOK
0, RW
BYPASS ADPOK
Force signal detector (SD) active. This register is for debug only,
not release to customer
1: Forced SD is OK,
0: Normal operation
11
Reserved
RW
Reserved
Force to 0 in application
10
TX
1, RW
100BASE-TX Mode Control
1 = 100BASE-TX operation
0 = 100BASE-FX operation
9
Reserved
0, RO
Reserved
8
Reserved
0, RW
Reserved
7
F_LINK_100
0, RW
Force Good Link in 100Mbps
1 = Force 100Mbps good link status
0 = Normal 100Mbps operation
This bit is useful for diagnostic purposes
6
Reserved
0, RW
Reserved
Force to 0 in application.
5
COL_LED
0, RW
COL LED Control (valid in PHY test mode)
4
RPDCTR-EN
1, RW
Reduced Power Down Control Enable
This bit is used to enable automatic reduced power down
1 = Enable automatic reduced power down
0 = Disable automatic reduced power down
3
SMRST
0, RW
Reset State Machine
When writes 1 to this bit, all state machines of PHY will be reset.
This bit is self-clear after reset is completed
2
MFPSC
1, RW
MF Preamble Suppression Control
MII frame preamble suppression control bit
1 = MF preamble suppression bit on
0 = MF preamble suppression bit off
1
SLEEP
0, RW
Sleep Mode
Writing a 1 to this bit will cause PHY entering the Sleep mode and
power down all circuit except oscillator and clock generator circuit.
When waking up from Sleep mode (write this bit to 0), the
configuration will go back to the state before sleep; but the state
machine will be reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com