| Electronic Components Datasheet Search |
|
DM9006 Datasheet(PDF) 28 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9006 Datasheet(HTML) 28 Page - Davicom Semiconductor, Inc. |
|
28 / 76 page ![]() DM9006 2-port Switch with Processor Interface 28 Preliminary datasheet DM9006-13-DS-P01 September 1, 2009 6.35 Per Port Block Unicast Ports Control Register (68H) Bit Name Default Description 7:4 RESERVED PH0,RW Reserved 3:0 BLK_UP PH0,RW Ports of Unicast Packet Be Blocked The received unicast packets are not forward to the assigned ports. Note: that the assigned port definition: bit 0 for port 0, bit 1 for port 1, bit 2 reserved, and bit 3 for processor port. 6.36 Per Port Block Multicast Ports Control Register (69H) Bit Name Default Description 7:4 RESERVED PH0,RW Reserved 3:0 BLK_MP PH0,RW Ports of Multicast Packet Be Blocked The received multicast packets are not forward to the assigned ports. 6.37 Per Port Block Broadcast Ports Control Register (6AH) Bit Name Default Description 7:4 RESERVED PH0,RW Reserved 3:0 BLK_BP PH0,RW Ports of Broadcast Packet Be Blocked The received broadcast packets are not forward to the assigned ports. 6.38 Per Port Block Unknown Ports Control Register (6BH) Bit Name Default Description 7:4 RESERVED PH0,RW Reserved 3:0 BLK_UKP PH0,RW Ports of Unknown Packet Be Blocked The packets with DA field not found in address table are not forward to the assigned ports. 6.39 Per Port Security & STP Register (6CH) Bit Name Default Description 7:6 RESERVED 0,RO Reserved 5:4 STPS PH0,RW Spanning Tree Port State There are 4 port state for supporting Spanning Tree Protocol 00: Forwarding State, The port transmits and receives packets normally & learning is enabled. 01: Disabled State, The port will not transmit and receive any packets & learning is disabled. 10: Learning State, The port will only forward the packets that are to and from uP port (span packets) & leaning is enabled. 11: Blocking/Listening State, The port will only forward the packets that are to and from uP port (span packets) & leaning is disabled. 3 RESERVED 0,RO Reserved 2 PS_UNK PHE0,RW Unknown source address handling when port security is enabled 0: Discard Unknown (Default) 1: Unknown to uP Port |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |