Electronic Components Datasheet Search
  English  ▼

X  

HT66F016 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 1.00
7
May 14, 2012
General Description
The devices are Flash Memory type 8-bit high perfor-
mance RISC architecture microcontrollers. Offering us-
ers
the
convenience
of
Flash
Memory
multi-programming features, these devices also include
a wide range of functions and features. Other memory
includes an area of RAM Data Memory as well as an
area of EEPROM memory for storage of non-volatile
data such as serial numbers, calibration data etc.
Analog features include a multi-channel 12-bit A/D con-
verter and a comparator functions. Multiple and ex-
tremely flexible Timer Modules provide timing, pulse
generation and PWM generation functions. Protective
features such as an internal Watchdog Timer, Low Volt-
age Reset and Low Voltage Detector coupled with ex-
cellent noise immunity and ESD protection ensure that
reliable operation is maintained in hostile electrical envi-
ronments.
A full choice of HXT, HIRC and LIRC oscillator functions
are provided including a fully integrated system oscilla-
tor which requires no external components for its imple-
mentation. The ability to operate and switch dynamically
between a range of operating modes using different
clock sources gives users the ability to optimise
microcontroller operation and minimize power con-
sumption.
The inclusion of flexible I/O programming features,
Time-Base functions along with many other features en-
sure that the devices will find excellent use in applica-
tions such as electronic metering, environmental
monitoring, handheld instruments, household appli-
ances, electronically controlled tools, motor driving in
addition to many others.
Features
CPU Features
· Operating Voltage:
f
SYS= 8MHz: 2.2V~5.5V
f
SYS= 12MHz: 2.7V~5.5V
f
SYS= 20MHz: 4.5V~5.5V
· Up to 0.2ms instruction cycle with 20MHz system
clock at V
DD=5V
· Power down and wake-up functions to reduce power
consumption
· Three oscillators
- External crystal -- HXT
- Internal RC --HIRC
- Internal 32kHz RC -- LIRC
· Multi-mode operation: NORMAL, SLOW, IDLE and
SLEEP
· Fully integrated internal 8MHz oscillator requires no
external components
· All instructions executed in one or two instruction
cycles
· Table read instructions
· 63 powerful instructions
· 8 subroutine nesting levels
· Bit manipulation instruction
Peripheral Features
· Flash Program Memory: up to 2K´16
· RAM Data Memory: up to 128´8
· EEPROM Memory: 64´8
· Watchdog Timer function
· 14 bidirectional I/O lines
· Two external interrupt lines shared with I/O pins
· Multiple Timer Module for time measure, input
capture, compare match output, PWM output or
single pulse output functions
· Comparator function
· Dual Time-Base functions for generation of fixed time
interrupt signals
· Low voltage reset function
· Low voltage detect function
· 4-channel 12-bit resolution A/D converter
· Package types: 16-pin DIP/NSOP/SSOP
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com