Electronic Components Datasheet Search
  English  ▼

X  

HT66F016 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
Pin Description
With the exception of the power pins, all pins on these devices can be referenced by their Port name, e.g. PA.0, PA.1
etc, which refer to the digital I/O function of the pins. However these Port pins are also shared with other function such
as the Analog to Digital Converter, Timer Module pins etc. The function of each pin is listed in the following table, how-
ever the details behind how each pin is configured is contained in other sections of the datasheet.
The following tables only include the pins which are directly related to the MCU. The pin descriptions of the additional
peripheral functions are located at the end of the datasheet along with the relevant peripheral function functional de-
scription.
HT66F016, HT68F016
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
¾
PB0~PB5
Port B
PBPU
ST
CMOS
¾
AN0~AN3
A/D converter input
ACERL
AN
¾
PA0~PA3
VREF
A/D converter reference input
ADCR1
AN
¾
PA1
C-
Comparator input
CPC
AN
¾
PA1
C+
Comparator input
AN
¾
PA0
CX
Comparator output
¾
CMOS
PA2
TCK1
TM1 input
PRM
ST
¾
PA2 or PA3
TP1
TM1 I/O
PRM
TMPC
ST
CMOS
PA4, PA6, PA7 or PB1
INT0
External Interrupt 0
INTC0
INTEG
ST
¾
PA3 or PA2
INT1
External Interrupt 1
INTC2
INTEG
ST
¾
PA5 or PA4
OSC1
HXT pin
CO
HXT
¾
PA6
OSC2
HXT pin
CO
¾
HXT
PA5
VDD
Power supply
¾
PWR
¾¾
VSS
Ground
¾
PWR
¾¾
Note:
I/T: Input type; O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option; ST: Schmitt Trigger input
CMOS: CMOS output
AN: Analog input pin
HXT: High frequency crystal oscillator
HT68F016 doesn
¢t have AN0~AN3, VREF pin.
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
10
May 14, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com