Electronic Components Datasheet Search
  English  ▼

X  

TL431BCLP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TL431BCLP
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431BCLP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TL431BCLP Datasheet HTML 24Page - Texas Instruments TL431BCLP Datasheet HTML 25Page - Texas Instruments TL431BCLP Datasheet HTML 26Page - Texas Instruments TL431BCLP Datasheet HTML 27Page - Texas Instruments TL431BCLP Datasheet HTML 28Page - Texas Instruments TL431BCLP Datasheet HTML 29Page - Texas Instruments TL431BCLP Datasheet HTML 30Page - Texas Instruments TL431BCLP Datasheet HTML 31Page - Texas Instruments TL431BCLP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
R1
0.1%
R2
0.1%
R
(see Note A)
Vref
VO
TL431
VI(BATT)
RETURN
O
ref
R1
V
= 1 +
V
R2
æ
ö
ç
÷
è
ø
VO
TL431
VI(BATT)
VIT ≈ 2.5 V
GND
Input
Von ≈2 V
Voff ≈VI(BATT)
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543L
– AUGUST 2004 – REVISED FEBRUARY 2011
www.ti.com
APPLICATION INFORMATION
Table 2. Table of Application Circuits
APPLICATION
FIGURE
Shunt regulator
Figure 17
Single-supply comparator with temperature-compensated threshold
Figure 18
Precision high-current series regulator
Figure 19
Output control of a three-terminal fixed regulator
Figure 20
High-current shunt regulator
Figure 21
Crowbar Circuit
Figure 22
Precision 5-V, 1.5-A regulator
Figure 23
Efficient 5-V precision regulator
Figure 24
PWM converter with reference
Figure 25
Voltage monitor
Figure 26
Delay timer
Figure 27
Precision current limiter
Figure 28
Precision constant-current sink
Figure 29
A.
R should provide cathode current
≥1 mA to the TL431 at minimum V(BATT).
Figure 17. Shunt Regulator
Figure 18. Single-Supply Comparator With Temperature-Compensated Threshold
28
Submit Documentation Feedback
Copyright
© 2004–2011, Texas Instruments Incorporated
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com