Electronic Components Datasheet Search
  English  ▼

X  

TL431BCLP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL431BCLP
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431BCLP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL431BCLP Datasheet HTML 3Page - Texas Instruments TL431BCLP Datasheet HTML 4Page - Texas Instruments TL431BCLP Datasheet HTML 5Page - Texas Instruments TL431BCLP Datasheet HTML 6Page - Texas Instruments TL431BCLP Datasheet HTML 7Page - Texas Instruments TL431BCLP Datasheet HTML 8Page - Texas Instruments TL431BCLP Datasheet HTML 9Page - Texas Instruments TL431BCLP Datasheet HTML 10Page - Texas Instruments TL431BCLP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543L
– AUGUST 2004 – REVISED FEBRUARY 2011
Vref TOLERANCE (25°C) = 0.5%
TL431B, TL432B ORDERING INFORMATION(1)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
PDIP (P)
Tube of 50
TL431BCP
TL431BCP
SC-70 (DCK)
Reel of 3000
TL431BCDCKR
T2_
Reel of 250
TL431BCDCKT
SOIC (D)
Tube of 75
TL431BCD
T431B
Reel of 2500
TL431BCDR
SOP (PS)
Reel of 2000
TL431BCPSR
TL431B
SOT-23-5 (DBV)
Reel of 3000
TL431BCDBVR
T3G_
Reel of 250
TL431BCDBVT
Reel of 3000
TL432BCDBVR
TBC_
Reel of 250
TL432BCDBVT
0
°C to 70°C
SOT-23-3 (DBZ)
Reel of 3000
TL431BCDBZR
T3G_
Reel of 250
TL431BCDBZT
Reel of 3000
TL432BCDBZR
TBC_
Reel of 250
TL432BCDBZT
SOT-89 (PK)
Reel of 1000
TL431BCPK
4C
TL432BCPK
2G
TO-226/TO-92 (LP)
Bulk of 1000, straight lead
TL431BCLP
TL431B
Ammo of 2000, formed lead
TL431BCLPM
Reel of 2000, formed lead
TL431BCLPR
TSSOP (PW)
Tube of 150
TL431BCPW
T431B
Reel of 2000
TL431BCPWR
PDIP (P)
Tube of 50
TL431BIP
TL431BIP
SC-70 (DCK)
Reel of 3000
TL431BIDCKR
T3_
Reel of 250
TL431BIDCKT
SOIC (D)
Tube of 75
TL431BID
Z431B
Reel of 2500
TL431BIDR
SOT-23-5 (DBV)
Reel of 3000
TL431BIDBVR
T3F_
Reel of 250
TL431BIDBVT
Reel of 3000
TL432BIDBVR
T4F_
Reel of 250
TL432BIDBVT
-40
°C to 85°C
SOT-23-3 (DBZ)
Reel of 3000
TL431BIDBZR
T3F_
Reel of 250
TL431BIDBZT
Reel of 3000
TL432BIDBZR
T4F_
Reel of 250
TL432IBDBZT
SOT-89 (PK)
Reel of 1000
TL431BIPK
4I
TL432BIPK
2H
TO-226/TO-92 (LP)
Bulk of 1000, straight lead
TL431BILP
Z431B
Ammo of 2000, formed lead
TL431BILPM
Reel of 2000, formed lead
TL431BILPR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
Copyright
© 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com