Electronic Components Datasheet Search
  English  ▼

X  

KBPC35 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # KBPC35
Description  Single-Phase Bridge Rectifier, 35A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBPC35 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  KBPC35 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBPC35 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBPC35 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Page 3 of 3
KBPC35
Fig.1 On-state current and voltage
Fig.2 Case temperature vs on-state
average current
Case temperature (℃)
Peak on-state voltage(V)
Cycles @50Hz
Fig.3 On-state surge current vs cycles
0.01
0.1
1.0
10
100
0
0.2 0.4
0.6
0.8
1.0 1.2
1.4
1.6
1.8
T = 25ºC
j
Pulse Width = 300µs
0
20
10
30
50
40
0
150
50
100
Mounted on a
220x220x50 mm
AL plate heatsink
Resistive or
lnductive load
Single Half-Sine Wave
(JEDEC Method)
T = 150ºC
j
0
100
200
300
400
500
1
10
100
www.nellsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com