Electronic Components Datasheet Search
  English  ▼

X  

KBPC35 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # KBPC35
Description  Single-Phase Bridge Rectifier, 35A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBPC35 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  KBPC35 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBPC35 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBPC35 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Universal 3-way terminals: snap-on, wire
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Case: KBPC, KBPC-W
Epoxy meets UL 94 V-O flammability rating
Terminals: Nickel plated on faston lugs or silver plated on
wire leads,solderable per J-STD-002 and
Polarity: As marked
Weight: 21g (0.74 ozs)
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 3
Single-Phase Bridge Rectifier, 35A
Nell High Power Products
Compliant to RoHS
wrap-around, or PCB mounting
High surge current capability
Low thermal resistance
Solder dip 260°C, 40s
rectification for power supply, home appliances,
office equipment, industrial automation applications.
MECHANICAL DATA
Mounting Torque: 20 inches-lbs. max. (M5 screw)
KBPC35
KBPC3506 Thru KBPC3512
JESD22-B102. Suffix letter “W” added to
indicate wire leads(e.g. KBPC3506W).
1.135 (28.8)
1.115 (28.3)
0.042 (1.07)
0.038 (0.97)
DIA.
0.445 (11.3)
0.421 (10.7)
1.25
(31.8)
MIN.
1.135 (28.8)
1.115 (28.3)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
KBPC-W
1.122 (28.5)
1.10 (28)
0.672 (17.1)
0.632 (16.1)
0.732 (18.6)
0.692 (17.6)
0.094 (2.4)
DIA.
0.25
(6.35)
AC
0.840 (21.3)
0.740 (18.8)
0.582 (14.8)
0.542 (13.8)
0.672 (17.1)
0.632 (16.1)
1.122 (28.5)
1.10 (28)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
0.445 (11.3)
0.421 (10.7)
KBPC
0.034 (0.86)
0.030 (0.76)
0.732 (18.6)
0.692 (17.6)
0.732 (18.6)
0.692 (17.6)
0.470 (11.9)
0.430 (10.9)
All dimensions in inches (millimeters)
www.nellsemi.com
~
~
+
-


Similar Part No. - KBPC35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBPC35 ETC1-KBPC35 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
logo
Won-Top Electronics
KBPC35 WTE-KBPC35 Datasheet
54Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBPC35 ETC2-KBPC35 Datasheet
431Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBPC35 YANGJIE-KBPC35 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC35 CHENG-YI-KBPC35 Datasheet
138Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - KBPC35

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC35 WTE-KBPC35 Datasheet
54Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
KBPC35P WTE-KBPC35P Datasheet
55Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
KBPC35S WTE-KBPC35S Datasheet
66Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB3505G TAITRON-MB3505G Datasheet
145Kb / 4P
35A Single-Phase Glass Passived Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBJ35 NELLSEMI-KBJ35 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 35A
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 35A
MP35S NELLSEMI-MP35S Datasheet
268Kb / 3P
Single-Phase Bridge Rectifier, 35A
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBPC3500 DGNJDZ-KBPC3500 Datasheet
45Kb / 2P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com