Electronic Components Datasheet Search
  English  ▼

X  

MTP200 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # MTP200
Description  Three-Phase Bridge Rectifier, 200A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP200 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  MTP200 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP200 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP200 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Small volume, light weight
Typical IR less than 2.0 µA
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
Weight: 320g (11.3 ozs)
200A
VRRM
800V to 1800V
1.35V
20 µA
150ºC
IFSM
IR
VF
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 3
Three-Phase Bridge Rectifier, 200A
Nell High Power Products
Compliant to RoHS
High surge current capability
Low thermal resistance
Small thermal resistance
rectification for big power supply, field supply for DC motor,
industrial automation applications.
ADVANTAGE
TJ max.
2100A
MTP20008 Thru MTP20018
Isolation voltage up to 2500V
International standard package
All dimensions in millimeters
25
93
110
25
25
12
5-M5
MTP200
~
~
~


Similar Part No. - MTP200

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP200 NELLSEMI-MTP200 Datasheet
660Kb / 3P
Three-Phase Bridge Rectifier
MTP20008 NELLSEMI-MTP20008 Datasheet
660Kb / 3P
Three-Phase Bridge Rectifier
MTP20008D NELLSEMI-MTP20008D Datasheet
641Kb / 3P
Three-Phase Bridge Rectifier
MTP20010 NELLSEMI-MTP20010 Datasheet
660Kb / 3P
Three-Phase Bridge Rectifier
MTP20010D NELLSEMI-MTP20010D Datasheet
641Kb / 3P
Three-Phase Bridge Rectifier
More results

Similar Description - MTP200

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTPT200 NELLSEMI-MTPT200 Datasheet
495Kb / 5P
Three-Phase Bridge Thyristor, 200A
logo
IXYS Corporation
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
logo
MacMic
MMD200F160X MACMIC-MMD200F160X Datasheet
182Kb / 3P
200A Three-Phase Rectifier Bridge Module
MMD200F180X MACMIC-MMD200F180X Datasheet
182Kb / 3P
200A Three-Phase Rectifier Bridge Module
MMD200F200X MACMIC-MMD200F200X Datasheet
183Kb / 3P
200A Three-Phase Rectifier Bridge Module
MMD200FB MACMIC-MMD200FB Datasheet
311Kb / 3P
200A Three-Phase Rectifier Bridge Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com