Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5803 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 35Page - Texas Instruments AFE5803 Datasheet HTML 36Page - Texas Instruments AFE5803 Datasheet HTML 37Page - Texas Instruments AFE5803 Datasheet HTML 38Page - Texas Instruments AFE5803 Datasheet HTML 39Page - Texas Instruments AFE5803 Datasheet HTML 40Page - Texas Instruments AFE5803 Datasheet HTML 41Page - Texas Instruments AFE5803 Datasheet HTML 42Page - Texas Instruments AFE5803 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
S0498-01
CLAMP
AFE
LNAx
DCOffset
Correction
ACTx
C
ACT
C
IN
C
BYPASS
INPx
INMx
Input
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
A typical application circuit diagram is listed above. The configuration for each block is discussed below.
LNA CONFIGURATION
LNA Input Coupling and Decoupling
The LNA closed-loop architecture is internally compensated for maximum stability without the need of external
compensation components. The LNA inputs are biased at 2.4 V and AC coupling is required. A typical input
configuration is shown in Figure 71. CIN is the input AC coupling capacitor. CACT is a part of the active termination
feedback path. Even if the active termination is not used, the CACT is required for the clamp functionality.
Recommended values for CACT = 1 µF and CIN are ≥ 0.1 µF. A pair of clamping diodes is commonly placed
between the T/R switch and the LNA input. Schottky diodes with suitable forward drop voltage (e.g. the
BAT754/54 series, the BAS40 series, the MMBD7000 series, or similar) can be considered depending on the
transducer echo amplitude.
Figure 71. LNA Input Configurations
This architecture minimizes any loading of the signal source that may otherwise lead to a frequency-dependent
voltage divider. The closed-loop design yields low offsets and offset drift. CBYPASS (≥0.015 µF) is used to set the
high-pass filter cut-off frequency and decouple the complimentary input. Its cut-off frequency is inversely
proportional to the CBYPASS value, The HPF cut-off frequency can be adjusted through the register 59[3:2] a
Table 9 lists. Low frequency signals at T/R switch output, such as signals with slow ringing, can be filtered out. In
addition, the HPF can minimize system noise from DC-DC converters, pulse repetition frequency (PRF) trigger,
and frame clock. Most ultrasound systems
’ signal processing unit includes digital high-pass filters or band-pass
filters (BPFs) in FPGAs or ASICs. Further noise suppression can be achieved in these blocks. In addition, a
digital HPF is available in the AFE5803 ADC. If low frequency signal detection is desired in some applications,
the LNA HPF can be disabled.
Table 9. LNA HPF Settings (CBYPASS = 15 nF)
Reg59[3:2] (0x3B[3:2])
Frequency
00
100 KHz
01
50 KHz
10
200 KHz
11
150 KHz
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com