Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5803 Datasheet(HTML) 3 Page - Texas Instruments

  AFE5803 Datasheet HTML 1Page - Texas Instruments AFE5803 Datasheet HTML 2Page - Texas Instruments AFE5803 Datasheet HTML 3Page - Texas Instruments AFE5803 Datasheet HTML 4Page - Texas Instruments AFE5803 Datasheet HTML 5Page - Texas Instruments AFE5803 Datasheet HTML 6Page - Texas Instruments AFE5803 Datasheet HTML 7Page - Texas Instruments AFE5803 Datasheet HTML 8Page - Texas Instruments AFE5803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
AVDD
–0.3
3.9
V
AVDD_ADC
–0.3
2.2
V
Supply voltage
range
AVDD_5V
–0.3
6
V
DVDD
–0.3
2.2
V
Voltage between AVSS and LVSS
–0.3
0.3
V
Voltage at analog inputs and digital inputs
–0.3
min [3.6,AVDD+0.3]
V
Peak solder temperature(2)
260
°C
Maximum junction temperature (TJ), any condition
105
°C
Storage temperature range
–55
150
°C
Operating temperature range
0
85
°C
Human Body Model (HBM)
2000
V
ESD Ratings
Charged Device Model (CDM)
500
V
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied Exposure to absolute maximum rated conditions for extended periods may degrade device reliability.
(2)
Device complies with JSTD-020D.
THERMAL INFORMATION
AFE5803
THERMAL METRIC(1)
BGA
UNITS
135 PINS
θJA
Junction-to-ambient thermal resistance
34.1
θJCtop
Junction-to-case (top) thermal resistance
5
θJB
Junction-to-board thermal resistance
11.5
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
10.8
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
MAX
UNIT
AVDD
3.15
3.6
V
AVDD_ADC
1.7
1.9
V
DVDD
1.7
1.9
V
AVDD_5V
4.75
5.5
V
Ambient Temperature, TA
0
85
°C
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com