Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 5 Page - Texas Instruments

  SN6501DBVT Datasheet HTML 1Page - Texas Instruments SN6501DBVT Datasheet HTML 2Page - Texas Instruments SN6501DBVT Datasheet HTML 3Page - Texas Instruments SN6501DBVT Datasheet HTML 4Page - Texas Instruments SN6501DBVT Datasheet HTML 5Page - Texas Instruments SN6501DBVT Datasheet HTML 6Page - Texas Instruments SN6501DBVT Datasheet HTML 7Page - Texas Instruments SN6501DBVT Datasheet HTML 8Page - Texas Instruments SN6501DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
0
1
2
3
4
5
6
7
8
9
TP1
TP2
0
40
80
120
160
200
240
280
I
- mA
LOAD
T1 = 1:1.5 (DA2303-AL from Coilcraft)
V
= 5 V, V
= 5 V
LDO = TPS73250
IN
out
0
40
80
120
160
200
240
280
I
- mA
LOAD
0
10
20
30
40
50
60
70
80
90
TP1
TP2
T1 = 1:1.5 (DA2303-AL from Coilcraft)
V
= 5 V, V
= 5 V
LDO = TPS73250
IN
out
TP1
TP2
0
10
20
30
40
50
60
70
80
90
0
20
40
60
80
100
120
I
- mA
LOAD
T1 = 1:1.5 (DA2303-AL from Coilcraft)
V
= 3.3 V, V
= 3.3 V
LDO = TPS76333
IN
out
T1 = 1:1.5 (DA2303-AL from Coilcraft)
V
= 3.3 V, V
= 3.3 V
LDO = TPS76333
IN
out
0
1
2
3
4
5
6
7
8
9
0
20
40
60
80
100
I
- mA
LOAD
TP2
TP1
0
10
20
30
40
50
60
70
80
90
I
- mA
LOAD
0
10
20
30
40
50
60
70
80
TP1
TP2
T1 = 1:2.2 (DA2304-AL from Coilcraft)
V
= 3.3 V, V
= 5 V
LDO = TPS76350
IN
out
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
7
8
9
I
- mA
LOAD
TP1
TP2
T1 = 1:2.2 (DA2304-AL from Coilcraft)
V
= 3.3 V, V
= 5 V
LDO = TPS76350
IN
out
SN6501
www.ti.com
SLLSEA0C – FEBRUARY 2012 – REVISED MARCH 2012
TYPICAL OPERATING CHARACTERISTICS
Typical Curves in Figure 4 through Figure 23 are measured with Circuit in Figure 3 at TP1 and TP2. TA = 25°C unless
otherwise noted.
Figure 4. Output Voltage vs Load Current
Figure 5. Efficiency vs Load Current
Figure 6. Output Voltage vs Load Current
Figure 7. Efficiency vs Load Current
Figure 8. Output Voltage vs Load Current
Figure 9. Efficiency vs Load Current
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com