Electronic Components Datasheet Search
  English  ▼

X  

TAS5622ADDVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5622ADDVR
Description  125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5622ADDVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5622ADDVR Datasheet HTML 9Page - Texas Instruments TAS5622ADDVR Datasheet HTML 10Page - Texas Instruments TAS5622ADDVR Datasheet HTML 11Page - Texas Instruments TAS5622ADDVR Datasheet HTML 12Page - Texas Instruments TAS5622ADDVR Datasheet HTML 13Page - Texas Instruments TAS5622ADDVR Datasheet HTML 14Page - Texas Instruments TAS5622ADDVR Datasheet HTML 15Page - Texas Instruments TAS5622ADDVR Datasheet HTML 16Page - Texas Instruments TAS5622ADDVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
0.005
0.01
0.1
1
10
0.02
0.1
1
10
100
400
PO − Output Power − W
2
Ω
3
Ω
4
Ω
TC = 75°C
G011
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
10
15
20
25
30
35
PVDD − Supply Voltage − V
2
Ω
3
Ω
4
Ω
TC = 75°C
THD+N at 10%
G012
0.005
0.01
0.1
1
10
0.02
0.1
1
10
100
PO − Output Power − W
2
Ω
3
Ω
4
Ω
TC = 75°C
G009
0
20
40
60
80
10
15
20
25
30
35
PVDD − Supply Voltage − V
2
Ω
3
Ω
4
Ω
TC = 75°C
THD+N at 10%
G010
TAS5622A
www.ti.com
SLAS845 – MAY 2012
TYPICAL CHARACTERISTICS, SE CONFIGURATION
Measurement conditions are: 1kHz, PVDD_X = 32.5V, GVDD_X = 12V, RL = 4Ω, fS = 384kHz, ROC = 24kΩ, TC = 75°C,
Output Filter: LDEM = 10μH, CDEM = 1µF, CDCB = 470µF, 20 Hz to 20 kHz BW (AES17 low pass filter), unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE vs
OUTPUT POWER vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 9.
Figure 10.
TYPICAL CHARACTERISTICS, PBTL CONFIGURATION
Measurement conditions are: 1 kHz, PVDD_X = 32.5V, GVDD_X = 12V, RL = 4 Ω, fS = 384kHz, ROC = 24kΩ, TC = 75°C,
Output Filter: LDEM = 10μH, CDEM = 1µF, 20 Hz to 20 kHz BW (AES17 low pass filter), unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE vs
OUTPUT POWER vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 11.
Figure 12.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5622A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com