Electronic Components Datasheet Search
  English  ▼

X  

TLV70220PDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70220PDBVT
Description  300-mA, Low-IQ, Low-Dropout Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70220PDBVT Datasheet(HTML) 2 Page - Texas Instruments

  TLV70220PDBVT Datasheet HTML 1Page - Texas Instruments TLV70220PDBVT Datasheet HTML 2Page - Texas Instruments TLV70220PDBVT Datasheet HTML 3Page - Texas Instruments TLV70220PDBVT Datasheet HTML 4Page - Texas Instruments TLV70220PDBVT Datasheet HTML 5Page - Texas Instruments TLV70220PDBVT Datasheet HTML 6Page - Texas Instruments TLV70220PDBVT Datasheet HTML 7Page - Texas Instruments TLV70220PDBVT Datasheet HTML 8Page - Texas Instruments TLV70220PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TLV702xx
SLVSAG6B
– SEPTEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TLV702xx(x)Pyyyz
XX(X) is the nominal output voltage. For output voltages with a resolution of 100 mV, two digits are used in
the ordering number; otherwise, three digits are used (for example, 28 = 2.8 V; 475 = 4.75 V).
P is optional; devices with P have an LDO regulator with an active output discharge.
YYY is the package designator.
Z is package quantity. Use "R" for reel (3000 pieces), and "T" for tape (250 pieces).
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Output voltages from 1.2 V to 4.8 V in 50-mV increments are available. Contact factory for details and availability.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
IN
–0.3
+6.0
V
Voltage(2)
EN
–0.3
+6.0
V
OUT
–0.3
+6.0
V
Current (source)
OUT
Internally Limited
Output short-circuit duration
Indefinite
Operating virtual junction, TJ
–55
+150
°C
Temperature
Storage, Tstg
–55
+150
°C
Human Body Model (HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic Discharge Rating(3)
Charge Device Model (CDM) QSS 009-147
500
V
(JESD22-C101B.01)
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
DISSIPATION RATINGS
(1)
PACKAGE
RθJA
TA < +25°C
TA = +70°C
TA = +85°C
DBV
200
°C/W
500mW
275mW
200mW
DSE
180
°C/W
555mW
305mW
222mW
(1)
For board details, see the Thermal Information section.
2
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com