Electronic Components Datasheet Search
  English  ▼

X  

TLV70220PDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70220PDBVT
Description  300-mA, Low-IQ, Low-Dropout Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70220PDBVT Datasheet(HTML) 5 Page - Texas Instruments

  TLV70220PDBVT Datasheet HTML 1Page - Texas Instruments TLV70220PDBVT Datasheet HTML 2Page - Texas Instruments TLV70220PDBVT Datasheet HTML 3Page - Texas Instruments TLV70220PDBVT Datasheet HTML 4Page - Texas Instruments TLV70220PDBVT Datasheet HTML 5Page - Texas Instruments TLV70220PDBVT Datasheet HTML 6Page - Texas Instruments TLV70220PDBVT Datasheet HTML 7Page - Texas Instruments TLV70220PDBVT Datasheet HTML 8Page - Texas Instruments TLV70220PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
OUT
NC
IN
GND
EN
1
2
3
5
4
EN
N/C
N/C
6
5
4
IN
GND
OUT
1
2
3
TLV702xx
www.ti.com
SLVSAG6B
– SEPTEMBER 2010 – REVISED FEBRUARY 2011
PIN CONFIGURATIONS
DBV PACKAGE
SOT23-5
(TOP VIEW)
DSE PACKAGE
1,5mm
× 1,5mm SON-6
(TOP VIEW)
PIN DESCRIPTIONS
PIN
SOT23-5
SON-6
NAME
DBV
DSE
DESCRIPTION
Input pin. A small 1-
μF ceramic capacitor is recommended from this pin to ground to assure stability and
IN
1
1
good transient performance. See Input and Output Capacitor Requirements in the Application Information
section for more details.
GND
2
2
Ground pin
Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regulator into
shutdown mode and reduces operating current to 1
μA, nominal.
EN
3
6
For TLV702xxP, output voltage is discharged through an internal 120-
Ω resistor when device is shut
down.
NC
4
4, 5
No connection. This pin can be tied to ground to improve thermal dissipation.
Regulated output voltage pin. A small 1-
μF ceramic capacitor is needed from this pin to ground to assure
OUT
5
3
stability. See Input and Output Capacitor Requirements in the Application Information section for more
details.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com