Electronic Components Datasheet Search
  English  ▼

X  

TLV62090 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62090
Description  3A High Efficient Synchronous Step Down Converter with DCS??Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62090 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV62090 Datasheet HTML 9Page - Texas Instruments TLV62090 Datasheet HTML 10Page - Texas Instruments TLV62090 Datasheet HTML 11Page - Texas Instruments TLV62090 Datasheet HTML 12Page - Texas Instruments TLV62090 Datasheet HTML 13Page - Texas Instruments TLV62090 Datasheet HTML 14Page - Texas Instruments TLV62090 Datasheet HTML 15Page - Texas Instruments TLV62090 Datasheet HTML 16Page - Texas Instruments TLV62090 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ΔI
L
I
= I
+
L
OUT
2
V
V
OUT
OUT
x 1 -
η
V
x η
IN
I = I
+
L
OUT
2 x
x L
f
æ
ö
ç
÷
ç
÷
è
ø
TLV62090
www.ti.com
SLVSBB9B – MARCH 2012 – REVISED APRIL 2012
APPLICATION INFORMATION
DESIGN PROCEDURE
The first step is the selection of the output filter components. To simplify this process, and Table 2 outline
possible inductor and capacitor value combinations.
Table 2. Output Filter Selection
OUTPUT CAPACITOR VALUE [µF](2)
INDUCTOR VALUE [µH](1)
10
22
47
100
150
0.47
√
√
√
√
1.0
√
√(3)
√
√
√
2.2
√
√
√
√
√
3.3
(1)
Inductor tolerance and current de-rating is anticipated. The effective inductance can vary by +20% and
–30%.
(2)
Capacitance tolerance and bias voltage de-rating is anticipated. The effective capacitance can vary by
+20% and –50%.
(3)
Typical application configuration. Other check mark indicates alternative filter combinations
Inductor Selection
The inductor selection is affected by several parameter like inductor ripple current, output voltage ripple,
transition point into Power Save Mode, and efficiency. See Table 3 for typical inductors.
Table 3. Inductor Selection
INDUCTOR VALUE
COMPONENT SUPPLIER
SIZE (LxWxH mm)
Isat/DCR
0.6 µH
Coilcraft XAL4012-601
4 x 4 x 2.1
7.1A/9.5 m
Ω
1 µH
Coilcraft XAL4020-102
4 x 4 x 2.1
5.9A/13.2 m
Ω
1 µH
Coilcraft XFL4020-102
4 x 4 x 2.1
5.1 A/10.8 m
Ω
0.47 µH
TOKO DFE252012 R47
2.5 x 2 x 1.2
3.7A/39 m
Ω
1 µH
TOKO DFE252012 1R0
2.5 x 2 x 1.2
3.0A/59 m
Ω
0.68 µH
TOKO DFE322512 R68
3.2 x 2.5 x 1.2
3.5A/37 m
Ω
1 µH
TOKO DFE322512 1R0
3.2 x 2.5 x 1.2
3.1A/45 m
Ω
In addition, the inductor has to be rated for the appropriate saturation current and DC resistance (DCR). The
inductor needs to be rated for a saturation current as high as the typical switch current limit, of 4.6 A or according
to Equation 7 and Equation 8. Equation 7 and Equation 8 calculate the maximum inductor current under static
load conditions. The formula takes the converter efficiency into account. The converter efficiency can be taken
from the data sheet graph`s or 80% can be used as a conservative approach. The calculation must be done for
the maximum input voltage where the peak switch current is highest.
(7)
(8)
where
ƒ = Converter switching frequency (typical 1.4 MHz)
L = Selected inductor value
η = Estimated converter efficiency (use the number from the efficiency curves or 0.80 as an conservative
assumption)
Note: The calculation must be done for the maximum input voltage of the application
Calculating the maximum inductor current using the actual operating conditions gives the minimum saturation
current. A margin of 20% needs to be added to cover for load transients during operation.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLV62090



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com