Electronic Components Datasheet Search
  English  ▼

X  

MPL025 Datasheet(PDF) 9 Page - Elektron Components Ltd.

Part # MPL025
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MPL025 Datasheet(HTML) 9 Page - Elektron Components Ltd.

Back Button MPL025 Datasheet HTML 5Page - Elektron Components Ltd. MPL025 Datasheet HTML 6Page - Elektron Components Ltd. MPL025 Datasheet HTML 7Page - Elektron Components Ltd. MPL025 Datasheet HTML 8Page - Elektron Components Ltd. MPL025 Datasheet HTML 9Page - Elektron Components Ltd. MPL025 Datasheet HTML 10Page - Elektron Components Ltd. MPL025 Datasheet HTML 11Page - Elektron Components Ltd. MPL025 Datasheet HTML 12Page - Elektron Components Ltd. MPL025 Datasheet HTML 13Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.elektron-bulgin.com
181
SWITCHES
MPI002/FL/xx/x
Dot or ring illumination
22mm diameter
Single pole push to make
50mA, 24Vdc contact rating
Red, Green, Amber, Blue & White
illumination
Bright daylight LEDs
Independent LED terminals
Front and rear panel seal to IP66
Flying lead termination
TVS protection
REAR PANEL SEALED - FLYING LEADS
Dot or ring illumination
22mm diameter
Single pole push to make
50mA, 24Vdc contact rating
Red, Green, Amber, Blue & White
illumination
Bright daylight LEDs
Independent LED terminals
Front and rear panel seal to IP66
Solder tag termination
TVS protection
REAR PANEL SEALED - SOLDER TAG
Specification
MPI001/Termination/Colour/Voltage
MPI002/Termination/Colour/Voltage
Illumination style:
Dot
Ring
Terminations:
/FL (Flying leads)
/FL (Flying leads)
/RP (Solder tags)
/RP (Solder tags)
Switching:
Single pole, push to make, tactile (momentary action)
Single pole, push to make, tactile (momentary action)
Max. Switch Rating:
50mA, 24Vdc
50mA, 24Vdc
LEDs (ratings @ 20mA)
Part No.
/RD
/GN
/AM
/BL
/WH
/RD
/GN
/AM
/BL
/WH
Colours
Red
Green
Amber
Blue
White
Red
Green
Amber
Blue
White
Luminous Intensity
900mcd
2500mcd 900mcd
1500mcd 900mcd
900mcd
2500mcd
900mcd
1500mcd
900mcd
Forward Voltage
1.85V
3.5V
2.3V
3.5V
3.6V
1.85V
3.5V
2.3V
3.5V
3.6V
Forward Current
20mA
20mA
20mA
20mA
20mA
20mA
20mA
20mA
20mA
20mA
Illumination Voltage:
/no suffix
No resistor fitted. An appropriate resistor must be
/no suffix
No resistor fitted. An appropriate resistor must be
series connected by the user. Voltages as above.
series connected by the user. Voltages as above.
/6
6Vdc
/6
6Vdc
/12
12Vdc
/12
12Vdc
/24
24Vdc
/24
24Vdc
Contact Resistance:
<100m
Ω
<100m
Ω
Insulation Resistance:
>103 M
Ω.
>103 M
Ω.
Dielectric Strength:
Contact to panel >2.0kV
Contact to panel >2.0kV
Contact to contact 1500V
Contact to contact 1500V
Operating Temp. Range:
–30˚C to +70˚C
–30˚C to +70˚C
Sealing
(Front & rear of panel)
:
Protection classification: IP66, EN60529 1992
Protection classification: IP66, EN60529 1992
Operations
Mechanical:
750,000 (min)
750,000 (min)
Electrical:
35,000 (min)
35,000 (min)
Operating Pressure:
12N
12N
Rear Nut Fixing Torque:
0.57Nm
0.57Nm
Materials
Switch assembly:
UL94V-0 rated Polyamide (Nylon)
UL94V-0 rated Polyamide (Nylon)
Tags:
Copper Alloy
Copper Alloy
Leads:
Tinned, stranded copper conductors
Tinned, stranded copper conductors
Switch Body & Button:
Stainless Steel
Stainless Steel
Lens and Lens Body:
Polycarbonate
Polycarbonate
O ring:
Nitrile
Nitrile
Internal seal:
Silicone
Silicone
Contact Plate:
Gold Plated
Gold Plated
Thread size:
18.97mm x 26TPI
18.97mm x 26TPI
ESD Handling precautions must be taken
ESD Handling precautions must be taken
Compliant
Compliant
MPI001/RP/xx/x
LED terminals marked + and –. Switch terminals unmarked.
Flying lead colours: LED: red + and black –. Switch contacts: white.
Stainless Steel Illuminated Vandal Resistant with rear of panel IP66 seal
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com