Electronic Components Datasheet Search
  English  ▼

X  

MPL025 Datasheet(PDF) 4 Page - Elektron Components Ltd.

Part # MPL025
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MPL025 Datasheet(HTML) 4 Page - Elektron Components Ltd.

  MPL025 Datasheet HTML 1Page - Elektron Components Ltd. MPL025 Datasheet HTML 2Page - Elektron Components Ltd. MPL025 Datasheet HTML 3Page - Elektron Components Ltd. MPL025 Datasheet HTML 4Page - Elektron Components Ltd. MPL025 Datasheet HTML 5Page - Elektron Components Ltd. MPL025 Datasheet HTML 6Page - Elektron Components Ltd. MPL025 Datasheet HTML 7Page - Elektron Components Ltd. MPL025 Datasheet HTML 8Page - Elektron Components Ltd. MPL025 Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.elektron-bulgin.com
176
SWITCHES
MPL027
MPL038
Sealed to IP66
MPL025
Specification
MPL027
MPL038
MPL025
Terminations:
Solder Tags
Solder Tags
Solder Tags
Switching:
S.P.M.B. - Latching
S.P.M.B. - Latching
S.P.M.B. - Latching
Max. Rating:
2A, 50Vac/dc
2A, 50Vac/dc
2A, 50Vac/dc
Contact Resistance:
<10m
Ω
<10m
Ω
<10m
Ω
Insulation Resistance:
>103 M
Ω
>103 M
Ω.
>103 M
Ω
Dielectric Strength:
>2.0kVac
>2.0kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
–20˚C to +70˚C
Sealing (Front of panel only): -
Protection Classification: IP66 EN60529 -
1992 (Switch not sealed)
Operations
Mechanical:
8,000 (min)
8,000 (min)
8,000 (min)
Electrical:
8,000 (min)
8,000 (min)
8,000 (min)
Operating Pressure:
5.5N (typ)
5.5N (typ)
5.5N (typ)
Rear Nut Fixing Torque:
2.5Nm
1.13Nm
–
Materials
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Glass Filled Nylon
Tags/Terminations:
Brass, Tin Plated
Brass, Tin Plated
Brass, Tin Plated
Switch Body & Button:
Stainless Steel
Stainless Steel
Stainless Steel
Contacts:
Fine Silver
Fine Silver
Fine Silver
Thread size:
1.0” x 26TPI
1.0" x 26TPI
-
Compliant
Compliant
Compliant
28mm diameter
2A, 50Vac/dc
Single pole push to make
Latching switch
Front Panel Sealed to IP66
28mm diameter
2A, 50Vac/dc
Single pole push to make
Latching switch
22mm diameter
2A, 50Vac/dc
Single pole push to make
Latching switch
Stainless Steel Low Profile Vandal Resistant - Latching
FRONT PANEL MOUNTING
FRONT PANEL MOUNTING
REAR PANEL MOUNTING
RoHS
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com