Electronic Components Datasheet Search
  English  ▼

X  

MPL027 Datasheet(PDF) 11 Page - Elektron Components Ltd.

Part # MPL027
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MPL027 Datasheet(HTML) 11 Page - Elektron Components Ltd.

Back Button MPL027 Datasheet HTML 7Page - Elektron Components Ltd. MPL027 Datasheet HTML 8Page - Elektron Components Ltd. MPL027 Datasheet HTML 9Page - Elektron Components Ltd. MPL027 Datasheet HTML 10Page - Elektron Components Ltd. MPL027 Datasheet HTML 11Page - Elektron Components Ltd. MPL027 Datasheet HTML 12Page - Elektron Components Ltd. MPL027 Datasheet HTML 13Page - Elektron Components Ltd. MPL027 Datasheet HTML 14Page - Elektron Components Ltd. MPL027 Datasheet HTML 15Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.elektron-bulgin.com
183
MP0050
MP0050/2
Specification
MP0050
MP0050/2
Terminations:
Solder Tags
Solder Tags
Switching:
S.P.C.O. Momentary Action
S.P.C.O. Momentary Action
(Microswitch)
(Microswitch)
Max. Rating:
5A, 250Vac.
5A, 250Vac
2A, 28Vdc
2A, 28Vdc
Contact Resistance:
10m
Ω
10m
Ω
Insulation Resistance:
>103 M
Ω
>103 M
Ω
Dielectric Strength:
>2.0kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
Sealing (Front of panel only): Protection Classification: IP68 EN60529
Protection Classification: IP68 EN60529
1992 (Micro switch not sealed)
1992 (Micro switch not sealed)
Operations
Mechanical:
1,000,000 (min)
1,000,000 (min)
Electrical:
35,000 (min)
35,000 (min)
Operating pressure:
4.7Nm
4.7Nm
Rear Nut Fixing Torque:
0.57Nm
0.57Nm
Materials
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Tags/Terminations:
Brass, Tin Plated
Brass, Tin Plated
Switch Body & Button:
Stainless Steel
Stainless Steel
Contacts:
Fine Silver
Fine Silver
Thread size:
M27 x 1.0-6H
M27 x 1.0-6H
Compliant
Compliant
Front Panel Sealed to IP68
Flush button
32.0mm diameter
S.P.C.O. switching
Momentary action
5A, 250Vac
Front Panel Sealed to IP68
Protruding button
32.0mm diameter
S.P.C.O. switching
Momentary action
5A, 250Vac
Stainless Steel Large Diameter Vandal Resistant - Momentary
FRONT PANEL MOUNTING - LOW PROFILE
FRONT PANEL MOUNTING - PROTRUDING PROFILE
RoHS
SWITCHES
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com