Electronic Components Datasheet Search
  English  ▼

X  

MPL027 Datasheet(PDF) 21 Page - Elektron Components Ltd.

Part # MPL027
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MPL027 Datasheet(HTML) 21 Page - Elektron Components Ltd.

Back Button MPL027 Datasheet HTML 16Page - Elektron Components Ltd. MPL027 Datasheet HTML 17Page - Elektron Components Ltd. MPL027 Datasheet HTML 18Page - Elektron Components Ltd. MPL027 Datasheet HTML 19Page - Elektron Components Ltd. MPL027 Datasheet HTML 20Page - Elektron Components Ltd. MPL027 Datasheet HTML 21Page - Elektron Components Ltd. MPL027 Datasheet HTML 22Page - Elektron Components Ltd. MPL027 Datasheet HTML 23Page - Elektron Components Ltd. MPL027 Datasheet HTML 24Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.elektron-bulgin.com
193
MP0045/1E1
MP0045/1E2
Dot Illuminated
18mm bezel diameter
D.P.C.O.
3A, 250V ac
Red, Green, Amber or Blue
Illumination
Separate LED Terminals
Ring Illuminated
18mm bezel diameter
D.P.C.O.
3A, 250V ac
Red, Green, Amber or Blue
Illumination
Separate LED Terminals
Stainless Steel Illuminated Latching
FRONT PANEL MOUNTING
FRONT PANEL MOUNTING
Specification
MP0045/1E1/Colour/Voltage
MP0045/1E2/Colour/Voltage
Terminations:
Solder Tags
Solder Tags
Illumination:
Dot
Ring
Switching:
D.P.C.O. Latching Action
D.P.C.O. Latching Action
Max. Switch Rating:
3A, 250Vac
3A, 250Vac
LEDs
Colours
Red
Green
Amber
Blue
Red
Green
Amber
Blue
Part No.
/RD
/GN
/AM
/BL
/RD
/GN
/AM
/BL
Voltage
12Vdc
220Vdc
12Vdc
220Vdc
Part No.
/012
/220
/012
/220
Contact Resistance:
50m
Ω max. @ 1A, 2Vdc
50m
Ω max. @ 1A, 2Vdc
Insulation Resistance:
>103 M
Ω @ 500Vac
>103 M
Ω @ 500Vac
Dielectric Strength:
>2.0kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +55˚C
–20˚C to +55˚C
Operations
Mechanical:
200,000 (min)
200,000 (min)
Electrical:
30,000 (min)
30,000 (min)
Rear Nut Fixing Torque:
12Nm
12Nm
Materials
Mouldings:
Nylon
Nylon
Tags:
Brass, Silver Plated
Brass, Silver Plated
Switch Body & Button:
Stainless Steel (Polished)
Stainless Steel (Polished)
Variants
Prominent Button, details on request
Prominent Button, details on request
Compliant
Complaint
RoHS
+
-
NC1
NC2
NO1
NO2
C1
C2
LED terminal
+
LED terminal
-
Contact Layout
SWITCHES
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:16
Page 193



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com