Electronic Components Datasheet Search
  English  ▼

X  

MP0031/2 Datasheet(PDF) 6 Page - Elektron Components Ltd.

Part # MP0031/2
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0031/2 Datasheet(HTML) 6 Page - Elektron Components Ltd.

Back Button MP0031/2 Datasheet HTML 2Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 3Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 4Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 5Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 6Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 7Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 8Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 9Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 10Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.elektron-bulgin.com
178
SWITCHES
MPD031
Specification
MPD031
Terminations:
Solder Tags
Switching:
D.P.C.O. Momentary Action
(Microswitch)
Max. Rating:
3A, 125Vac
Contact Resistance:
30-100m
Ω max.
Insulation Resistance:
100M
Ω min.
Dielectric Strength:
1,000VacRMS
Operating Temp. Range:
–20˚C to +70˚C
Sealing (Front of panel only): Protection Classification: IP66 EN60529
1992 (Micro switch not sealed)
Operations
Mechanical:
1,000,000
Electrical:
10,000 @ 3A, 125Vac
Rear Nut Fixing Torque:
0.57Nm
Materials
Mouldings:
Glass Filled Nylon
Tags/Terminations:
Brass, Tin Plated
Switch Body & Button:
Stainless Steel
Contacts:
Brass, Silver Plated
Thread size:
0.747" x 26TPI
Compliant
Front Panel Sealed to IP66
21.5mm diameter
D.P.C.O. Microswitch
3A, 125Vac
Stainless Steel Low Profile Vandal Resistant - Momentary - Double Pole
FRONT PANEL MOUNTING
RoHS
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com