Electronic Components Datasheet Search
  English  ▼

X  

MP0031/2 Datasheet(PDF) 24 Page - Elektron Components Ltd.

Part # MP0031/2
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0031/2 Datasheet(HTML) 24 Page - Elektron Components Ltd.

Back Button MP0031/2 Datasheet HTML 16Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 17Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 18Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 19Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 20Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 21Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 22Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 23Page - Elektron Components Ltd. MP0031/2 Datasheet HTML 24Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
www.elektron-bulgin.com
196
SWITCHES
196
196
196
VS0002
VS0001
Specification
VS0001
VS0002
Max. Rating:
6.3A, 120/240V
6.3A, 120/240V
Insulation Resistance:
>106 M
Ω
>106 M
Ω.
Termination:
2.8 series tabs/solder tags
2.8 series tabs/solder tags
Temperature Range:
–20˚C to +85˚C
–20˚C to +85˚C
Materials:
Mouldings:
Glass Filled Nylon UL94V-1
Glass Filled Nylon UL94V-1
Tags:
Brass, Silver Plated
Brass, Silver Plated
Contacts:
Copper Silver Alloy
Copper Silver Alloy
Approvals:
Variants:
Other markings, details on request
Other markings, details on request
Compliant
2.8 series tabs/solder tags
Square Front Bezel
6.3A
CSA & VDE approvals
2.8 series tabs/Solder tags
Round Front Bezel
6.3A
CSA & VDE approvals
Voltage Selectors
120/240V VOLTAGE SELECTOR
120/240V VOLTAGE SELECTOR
RoHS
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:16
Page 196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com