Electronic Components Datasheet Search
  English  ▼

X  

FX0331 Datasheet(PDF) 16 Page - Elektron Components Ltd.

Part # FX0331
Description  FUSEHOLDERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

FX0331 Datasheet(HTML) 16 Page - Elektron Components Ltd.

Back Button FX0331 Datasheet HTML 10Page - Elektron Components Ltd. FX0331 Datasheet HTML 11Page - Elektron Components Ltd. FX0331 Datasheet HTML 12Page - Elektron Components Ltd. FX0331 Datasheet HTML 13Page - Elektron Components Ltd. FX0331 Datasheet HTML 14Page - Elektron Components Ltd. FX0331 Datasheet HTML 15Page - Elektron Components Ltd. FX0331 Datasheet HTML 16Page - Elektron Components Ltd. FX0331 Datasheet HTML 17Page - Elektron Components Ltd. FX0331 Datasheet HTML 18Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
www.elektron-bulgin.com
162
FUSEHOLDERS
FX0185, FX0285, FX0385
FX0180, FX0280, FX0380
Protection Category PC1
Fuse Sizes 5 x 20mm,
6.3 x 25mm and 6.3 x 32mm
Screw Terminal (Solder to order)
10A, 50V (250V Inaccessible)
UL Approved
Clear or black
Sealed to IP66
Protection Category PC1
Fuse Sizes 5 x 20mm,
6.3 x 25mm and 6.3 x 32mm
Screw Terminal (Solder to order)
10A, 50V (250V Inaccessible)
UL Approved
Clear or black
Specification
FX0180, FX0280, FX0380/Colour
FX0185, FX0285, FX0385/Colour
Fuse Size:
5 x 20mm
FX0380
5 x 20mm
FX0385
6.3 x 25mm
FX0280
6.3 x 25mm
FX0285
6.3 x 32mm
FX0180
6.3 x 32mm
FX0185
Cable Acceptance:
1mm2 conductor (max.)
1mm2 conductor (max.)
1mm to 2.64mm overall diameter
Stepped grommet:
Stage 1: 1.00mm to 1.40mm
Stage 2: 1.50mm to 1.90mm
Stage 3: 2.0mm to 2.64mm
Terminations:
Screw terminal (solder to order)
Screw Terminal (solder to order)
Max. Rating:
10A, 50V (250V where
10A, 50V (250V where
inaccessible inside equipment)
inaccessible inside equipment)
Insulation Resistance:
>105 M
Ω @ 500V d.c.
>105 M
Ω @ 500V d.c.
High Voltage Proof Test:
2kV (50Hz for 1 minute)
2kV (50Hz for 1 minute)
Contact Resistance:
<10m
Ω
<10m
Ω
Operating Temp.:
–20ºC to +90ºC
–20ºC to +70ºC
(ambient air temp +
fuse temp rise)
Sealing:
Protection Classification IP66
BS60529: 1992
Mouldings:
Body - Clear:
Polybutene UL94HB rated
Polybutene UL94HB rated
Body - Black:
Nylon 6 UL94V-0 rated
Nylon 6 UL94V-0 rated
Grommet:
PVC
O Ring:
Nitrile
Contacts:
Terminals:
Brass, Nickel Plated
Brass, Nickel Plated
Grub Screw:
Stainless Steel
Stainless Steel
Approvals:
Colour:
Clear - no suffix, /BK - Black
Clear - no suffix, /BK - Black
Compliant
Compliant
In-Line PC1 and In-Line Sealed to IP66, PC1
IN-LINE
IN-LINE
RoHS
FuseHolSection - 2010:FuseHolSection - 2005_iss2
8/6/10
17:02
Page 162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com