Electronic Components Datasheet Search
  English  ▼

X  

FX0331 Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # FX0331
Description  FUSEHOLDERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

FX0331 Datasheet(HTML) 2 Page - Elektron Components Ltd.

  FX0331 Datasheet HTML 1Page - Elektron Components Ltd. FX0331 Datasheet HTML 2Page - Elektron Components Ltd. FX0331 Datasheet HTML 3Page - Elektron Components Ltd. FX0331 Datasheet HTML 4Page - Elektron Components Ltd. FX0331 Datasheet HTML 5Page - Elektron Components Ltd. FX0331 Datasheet HTML 6Page - Elektron Components Ltd. FX0331 Datasheet HTML 7Page - Elektron Components Ltd. FX0331 Datasheet HTML 8Page - Elektron Components Ltd. FX0331 Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.elektron-bulgin.com
148
FUSEHOLDERS
Protection Categories
Category PC1:
No integral protection against electric shock. If required, Designers/Manufacturers must provide
additional protection against electric shock on equipment.
Category PC2:
With integral protection against electric shock. Fuseholders shall have live parts inaccessible to
IEC 60529 Standard Test Finger, when fully assembled, without fuse carrier or fuse in place and when
fuse carrier, with fuse is being inserted or withdrawn.
Category PC3:
With integral protection against electric shock. Fuseholders shall have live parts inaccessible to
IEC 60529 1mm dia. rigid test wire when fully assembled, without fuse carrier or fuse in place and
when fuse carrier, with fuse, is being inserted or withdrawn.
For full definitions see IEC 60127-6 : 1994 Clause 9
FuseHolSection - 2010:FuseHolSection - 2005_iss2
8/6/10
17:01
Page 148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com