Electronic Components Datasheet Search
  English  ▼

X  

MP0022 Datasheet(PDF) 13 Page - Elektron Components Ltd.

Part # MP0022
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0022 Datasheet(HTML) 13 Page - Elektron Components Ltd.

Back Button MP0022 Datasheet HTML 9Page - Elektron Components Ltd. MP0022 Datasheet HTML 10Page - Elektron Components Ltd. MP0022 Datasheet HTML 11Page - Elektron Components Ltd. MP0022 Datasheet HTML 12Page - Elektron Components Ltd. MP0022 Datasheet HTML 13Page - Elektron Components Ltd. MP0022 Datasheet HTML 14Page - Elektron Components Ltd. MP0022 Datasheet HTML 15Page - Elektron Components Ltd. MP0022 Datasheet HTML 16Page - Elektron Components Ltd. MP0022 Datasheet HTML 17Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.elektron-bulgin.com
185
SWITCHES
Fixing Detail
Panel
Clamp
Nuts & Studs
4BA or M3
*
* Panel-2.64 12SWG
18.9
2 x 4BA or
M3 Studs
35.9
27.60
CRS
28.4
7.1
2.1
MP0037/3
Sealed to IP68
MP0031/3
Sealed to IP66
MP0034/3
Specification
MP0037/3
MP0031/3
MP0034/3
Terminations:
Screw Terminals
Solder Tags
Solder Tags
Switching:
S.P. Push to make
S.P.C.O. Momentary Action
S.P.C.O. Momentary Action
Momentary action
(Microswitch)
(Microswitch)
Max. Rating:
1A, 50Vac/dc
5A, 250Vac
5A, 250Vac
2A, 28Vdc
2A, 28Vdc
Contact Resistance:
<10m
Ω
<10m
Ω
<10m
Ω
Insulation Resistance:
>105 M
Ω
>103 M
Ω.
>103 M
Ω
Dielectric Strength:
>1.0kVac
>2.0kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
–20˚C to +70˚C
Sealing (Front of panel only): Protection Classification: IP68 EN60529
Protection Classification: IP66 EN60529 -
1992 (Terminals not sealed)
1992 (Micro switch not sealed)
Operations
Mechanical:
1,000,000 (min)
1,000,000 (min)
250,000 (min)
Electrical:
30,000 (min)
35,000 (min)
35,000 (min)
Operating Pressure:
7.5N (typ)
4.7N (typ)
2.7N (typ)
Rear Nut Fixing Torque:
0.57Nm
0.57Nm
-
Materials
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Glass Filled Nylon
Tags/Terminations:
Brass, Silver Plated
Brass, Tin Plated
Brass, Tin Plated
Switch Body & Button:
Stainless Steel
Stainless Steel
Stainless Steel
Contacts:
Brass, Silver Plated, Silver
Fine Silver
Fine Silver
Thread size:
0.747" x 26TPI
0.747" x 26TPI
-
Compliant
Compliant
Compliant
Front Panel Sealed to IP68
21.5mm diameter
Domed Profile
S.P. Push to Make
1A, 50Vac/dc
Front Panel Sealed to IP66
21.5mm diameter
Domed Profile
S.P.C.O. Microswitch
5A, 250Vac
Rear Panel Mounting
19mm diameter
Domed Profile
S.P.C.O. Microswitch
5A, 250Vac
Stainless Steel Domed Vandal Resistant
FRONT PANEL MOUNTING
FRONT PANEL MOUNTING
REAR PANEL MOUNTING
RoHS
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:16
Page 185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com