Electronic Components Datasheet Search
  English  ▼

X  

MP0022 Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # MP0022
Description  Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

MP0022 Datasheet(HTML) 2 Page - Elektron Components Ltd.

  MP0022 Datasheet HTML 1Page - Elektron Components Ltd. MP0022 Datasheet HTML 2Page - Elektron Components Ltd. MP0022 Datasheet HTML 3Page - Elektron Components Ltd. MP0022 Datasheet HTML 4Page - Elektron Components Ltd. MP0022 Datasheet HTML 5Page - Elektron Components Ltd. MP0022 Datasheet HTML 6Page - Elektron Components Ltd. MP0022 Datasheet HTML 7Page - Elektron Components Ltd. MP0022 Datasheet HTML 8Page - Elektron Components Ltd. MP0022 Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MP0027
MP0038
Sealed to IP66
MP0025
Specification
MP0027
MP0038
MP0025
Terminations:
Solder Tags
Solder Tags
Solder Tags
Switching:
S.P.C.O. Momentary Action (Microswitch)
S.P.C.O. Momentary Action (Microswitch) S.P.C.O. Momentary Action (Microswitch)
Max. Rating:
5A, 250Vac
5A, 250Vac
5A, 250Vac
2A, 28Vdc
2A, 28Vdc
2A, 28Vdc
Contact Resistance:
<10m
Ω
<10m
Ω
<10m
Ω
Insulation Resistance:
>103 M
Ω
>103 M
Ω.
>103 M
Ω
Dielectric Strength:
>2.0kVac
>2.0kVac
>2.0kVac
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
–20˚C to +70˚C
Sealing (Front of panel only):
Protection Classification: IP66 EN60529
1992 (Micro switch not sealed)
Operations
Mechanical:
1,000,000 (min)
1,000,000 (min)
1,000,000 (min)
Electrical:
35,000 (min)
35,000 (min)
35,000 (min)
Operating Pressure:
7.5N (typ)
12.5N (typ)
6.1N (typ)
Rear Nut Fixing Torque:
2.5Nm
1.13Nm
-
Materials
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Glass Filled Nylon
Tags/Terminations:
Brass, Tin Plated
Brass, Tin Plated
Brass, Tin Plated
Switch Body & Button:
Stainless Steel
Stainless Steel
Stainless Steel
Contacts:
Fine Silver
Fine Silver
Fine Silver
Thread size:
1.0” x 26TPI
1.0" x 26TPI
-
Compliant
Compliant
Compliant
28mm diameter
S.P.C.O. Microswitch
5A, 250Vac
Front Panel Sealed to IP66
28mm diameter
S.P.C.O. Microswitch
5A, 250Vac
22mm diameter
S.P.C.O. Microswitch
5A, 250Vac
Stainless Steel Low Profile Vandal Resistant - Momentary
FRONT PANEL MOUNTING
FRONT PANEL MOUNTING
REAR PANEL MOUNTING
www.elektron-bulgin.com
174
SWITCHES
RoHS
SwitchesSection - 2010:SwitchesSection_v2 - 2005
8/6/10
17:15
Page 174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com