Electronic Components Datasheet Search
  English  ▼

X  

PX0484 Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # PX0484
Description  IP68 Sealed - Mini USB Buccaneer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0484 Datasheet(HTML) 3 Page - Elektron Components Ltd.

  PX0484 Datasheet HTML 1Page - Elektron Components Ltd. PX0484 Datasheet HTML 2Page - Elektron Components Ltd. PX0484 Datasheet HTML 3Page - Elektron Components Ltd. PX0484 Datasheet HTML 4Page - Elektron Components Ltd. PX0484 Datasheet HTML 5Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.elektron-bulgin.com
60
BUCCANEER FOR DATA
Mini USB Buccaneer
PX0443
Mini ‘B’ type
Leaded with 5 way crimp, for
use with PC header
Mates with PX0441 & PX0442
type cables
FRONT PANEL MOUNTING CONNECTOR
Part No.
Description
PX0443
IP68 B type Mini USB, front panel mounted. 5 way crimp connector at rear.
PX0459
As PX0443 with exposed braid for use with PX0464 screening can
PX0446
PX0447
Mini ‘B’ type
Leaded with 5 way header
Mates with PX0441 & PX0442
type cables
Mini ‘B’ type
With pins for direct PC
mounting
Mates with PX0441 & PX0442
type cables
REAR PANEL MOUNTING CONNECTOR
Part No.
Description
PX0446
IP68 B type Mini USB, rear panel mounted. 5 way header connector at rear.
PX0447
IP68 B type Mini USB, rear panel mounted. PC terminals at rear.
PX0456
Mini ‘AB’ type
Leaded with 6 way crimp, for
use with PC header
Mates with PX0441, PX0442 &
PX0444 type cables
FRONT PANEL MOUNTING CONNECTOR
Part No.
Description
PX0456
IP68 AB type Mini USB, front panel mounted. 6 way crimp connector at rear.
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:39
Page 60



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com