Electronic Components Datasheet Search
  English  ▼

X  

PX0484 Datasheet(PDF) 4 Page - Elektron Components Ltd.

Part # PX0484
Description  IP68 Sealed - Mini USB Buccaneer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0484 Datasheet(HTML) 4 Page - Elektron Components Ltd.

  PX0484 Datasheet HTML 1Page - Elektron Components Ltd. PX0484 Datasheet HTML 2Page - Elektron Components Ltd. PX0484 Datasheet HTML 3Page - Elektron Components Ltd. PX0484 Datasheet HTML 4Page - Elektron Components Ltd. PX0484 Datasheet HTML 5Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.elektron-bulgin.com
61
BUCCANEER FOR DATA
Sealing caps to maintain IP
rating when connectors are
not in use
PCB headers for use with
PX0443 & PX0456
ACCESSORIES
Part No.
Description
PX0485
Sealing cap for use with PX0441, PX0442 & PX0444
PX0480
Sealing cap for use with PX0443 & PX0456
PX0484
Sealing cap for use with PX0446, PX0447, PX0457 & PX0458
14191
5 way straight header
14192
5 way right angle header
14563
6 way straight header
14564
6 way right angle header
PX0457
PX0458
Mini ‘AB’ type
Leaded with 6 way header
Mates with PX0441, PX0442 &
PX0444 type cables
Mini ‘AB’ type
With pins for direct PC
mounting
Mates with PX0441, PX0442 &
PX0444 type cables
REAR PANEL MOUNTING CONNECTOR
Part No.
Description
PX0457
IP68 AB type Mini USB, rear panel mounted. 6 way header connector at rear.
PX0458
IP68 AB type Mini USB, rear panel mounted. PC terminals at rear.
Maintains cable screening
directly to panel
Shielding can clips around the
panel fixing nut
For use on PX0459
SCREENING CAN
PX0464
Mini USB Buccaneer
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:39
Page 61



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com