Electronic Components Datasheet Search
  English  ▼

X  

SP0610 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SP0610
Description  SIPMOS Small-Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SP0610 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SP0610 Datasheet HTML 1Page - Siemens Semiconductor Group SP0610 Datasheet HTML 2Page - Siemens Semiconductor Group SP0610 Datasheet HTML 3Page - Siemens Semiconductor Group SP0610 Datasheet HTML 4Page - Siemens Semiconductor Group SP0610 Datasheet HTML 5Page - Siemens Semiconductor Group SP0610 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Package Outline
Electrical Characteristics (cont’d)
at
T
j = 25 ˚C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Continuous reverse drain current
T
A = 25 ˚C
I
S
––
− 0.18
A
Pulsed reverse drain current
T
A = 25 ˚C
I
SM
––
− 0.72
Diode forward on-voltage
I
F = − 0.18 A, VGS = 0
V
SD
–
− 0.85
− 1.2
V
TO-92
Dimensions in mm
SP 0610L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com