Electronic Components Datasheet Search
  English  ▼

X  

AMS324 Datasheet(PDF) 3 Page - Advanced Monolithic Systems Ltd

Part # AMS324
Description  Wide range of supply voltages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS324 Datasheet(HTML) 3 Page - Advanced Monolithic Systems Ltd

  AMS324 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS324 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS324 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS324 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PAD LOCATION AMS324M
Chip Size: 1.09 x 1.12 mm2
PAD LOCATION COORDINATES
Coordinates,
µm
Coordinates,
µm
Pad
N
Pad
Name
Pad size
(
µm × µm)
X
Y
Pad
N
Pad size
(
µm × µm)
Pad
Name
X
Y
1
#1 OUT
90
× 90
112
477
8
90
× 90
#3 OUT
977
642
2
#1 IN-
90
× 90
112
112
9
90
× 90
#3 IN-
977
1007
3
#1 IN+
90
× 90
390
112
10
90
× 90
#3 IN+
700
1007
4
VCC
90
× 90
545.0
112
11
90
× 90
GND
545
1007
5
#2 IN+
90
× 90
700
112
12
90
× 90
#4 IN+
390
1007
6
#2 IN-
90
× 90
977
112
13
90
× 90
#4 IN-
112
1007
7
#2 OUT
90
× 90
977
477
14
90
× 90
#4 OUT
112
642
AMS324



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com