Electronic Components Datasheet Search
  English  ▼

X  

AMS324 Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS324
Description  Wide range of supply voltages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS324 Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS324 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS324 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS324 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS324 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
DESCRIPTION
The AMS324 consists of four independent, high gain, internally frequency compensated operational amplifiers
which were designed specifically to operate from a single power supply over a wide range of voltages.
Operation from split power supplies is also possible and the low power supply current drain is independent of
the magnitude of the power supply voltage.
Application areas include transducer amplifiers, DC gain blocks and all the conventional op amp circuits.
FEATURES
PACKAGE INFORMATION
§
Wide range of supply voltages
§
Low supply current drain independent of supply voltage
§
Low input biasing current
§
Low input offset voltage and offset current
§
Input common-mode voltage range includes ground
§
Differential input voltage range equal to the power supply voltage
§
DC voltage gain 100 V/ mV Typ
§
Internally frequency compensation
ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VCC = 5V (unless otherwise noted)
AMS324
PARAMETER
TEST CONDITIONS*
MIN
TYP
MAX
UNIT
VIO
Vcc =5V to MAX,
25
°C
3
7
mV
Input offset voltage
VIC = VICR min,
VO=1.4V
Full range
9
αVIO
Average temperature coefficient of
input offset voltage
Full range
7
µV/°C
IIO
Vo=1.4V
25
° C
2
50
nA
Input offset current
Full range
150
αIIO
Average temperature coefficient of
input offset current
Full range
10
pA/
°C
IIB
Vo=1.4V
25
°C
-20
-250
nA
Input bias current
Full range
-500
VICR
Vcc = 5V to MAX
25
°C
0 to Vcc-1.5
V
Common-mode input voltage range
Full range
0 to Vcc - 2
VOH
RL = 2 k
Ω
25
°C
Vcc-1.5
V
High-level output voltage
Vcc = MAX, RL =2kΩ
Full range
26
Vcc = MAX,
RL = 10 k
Ω
Full range
27
28
VOL
Low-level output voltage
RL = 10 k
Ω
Full range
5
20
mV
AVD
Vcc = 15 V,
25
°C
25
100
V/mV
Large-signal differential voltage
amplification
Vo=1V to 11 V,
RL ≥ 2 kΩ
Full range
15
CMRR
Common-mode rejection ratio
Vcc = 5V to MAX,
VIC = VICR min
25
°C
65
80
dB
kSVR Supply voltage rejection ratio
(
∆Vcc/∆VIO)
Vcc = 5V to MAX
25
°C
65
100
dB
Vo1/Vo2 Crosstalk attenuation
f=1kHz to 20 kHz
25
°C
120
dB
IO
Vcc = 15 V,
25
°C
-20
-30
mA
Output current
VID=1V,Vo= 0
Full range
-10
Vcc = 15 V,
VID= -1V, Vo=15V
25
°C
10
20
Full range
5
VID= -1V, Vo = 200 mV 25
°C
12
30
µA
los
Short-circuit output current
Vcc at 5 V,
GND at -5V,Vo=0
25
°C
±40
±60
mA
Icc
Vo = 2.5 V, No load
Full range
1.5
2.4
mA
Supply current (four amplifiers)
Vcc = MAX, Vo =
0.5Vcc, No load
Full range
1.1
3
* All characteristics are measured under open loop conditions with zero common-mode input voltage unless
otherwise specified. "MAX" Vcc for testing purposes is 30 V. Full range is 0
°C to 70 °C
AMS324


Similar Part No. - AMS324

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
logo
Analog Microelectronics...
AMS3011 ANALOGMICRO-AMS3011 Datasheet
512Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016
logo
Panasonic Semiconductor
AMS302T PANASONIC-AMS302T Datasheet
215Kb / 6P
Photo IC type high sensitive light sensor
logo
Advanced Monolithic Sys...
AMS303 AMS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
Advanced Monolithic Sys...
AMS303 ADMOS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
More results

Similar Description - AMS324

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
Wide range of supply voltages
REV No:01-060817
logo
Analog Devices
AD8420 AD-AD8420_12 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
Wide supply voltage range
logo
Hi-Sincerity Mocroelect...
H177 HSMC-H177 Datasheet
207Kb / 6P
Wide range of supply voltage: 3.5V to 28V.
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_11 Datasheet
169Kb / 4P
QUAD Operational Amplifiers Wide range of supply voltages
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
Wide operating supply range
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
Wide Power Supply Range
logo
Maxim Integrated Produc...
MAX14919EVKIT MAXIM-MAX14919EVKIT Datasheet
989Kb / 12P
Robust Operation with a Wide Range of Input Voltages and Load Conditions
Rev 0; 11/20
MAX14919AEVKIT MAXIM-MAX14919AEVKIT Datasheet
823Kb / 12P
Robust Operation with a Wide Range of Input Voltages and Load Conditions
Rev 0; 7/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com