Electronic Components Datasheet Search
  English  ▼

X  

AMS358 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS358
Description  Internally frequency compensated for UNITY GAIN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS358 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS358 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Equivalent
Circuit
Pin Description
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Vcc
Power supply Voltage
30 or±15
V
VIDR
lnput Differential Voltage Range(a)
±30
V
VICR
lnput Common Mode Voltage Range
-0.3 to 30
V
TOPR
Operating
Temperature
Range
-40 to 80
℃
Tstg
storage Temperature (TA=+25℃)
-55 to +125
℃
TL
Lead Temperatur,1mm from Case for 10 Seconds
280
℃
Maximum Ratings are those Values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
Notes:
a. Split Power Supplies.
AMS358
Advanced Monolithic Systems http://www.ams-semitech.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com