Electronic Components Datasheet Search
  English  ▼

X  

AMS358 Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS358
Description  Internally frequency compensated for UNITY GAIN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS358 Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS358 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS358 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Description
The AMS LM358 consists two independent
high
gain
operational
amplifiers
with
internal compensated . The two op-amps
operate over a wide voltage range from a
single power supply. Also use a split power
supply.
The device has low power supply
voltage. The low power drain also makes
the AMS LM358 a good choice for battery
operation.
When your project calls for a traditional
op-amp function, now you can streamline
your design with a simple any digital
system or personal computer application,
without requiring an extra 15V power
supply just to have the interface electronics
you need.
The AMS LM358 is a versatile, rugged
workhorse with a thousand-and-one use,
from amplifying signals from a variety of
transducers to drain blocks, or any op-amp
function. The attached pages offer some
recipes that will
have your project cooking
in no time.
Features
Internally
frequency compensated for
unity gain
Large DC voltage gain:100dB
Wide
power supply range: 3V~30V(or ±
1.5V~ ±15V)
Input
common-mode voltage range
includes ground
Large output voltage swing:0V DC to
Vcc-1.5V DC
Power drain suitable for battery
operation
Differential inpit voltage and offset
current
Wide gain bandwidth product: 5 MHz
Slew rate: 2V/µs
Package outline: DIP8, SOIC8
Applications
Cordless Telephone
Switching Power Supply
Battery
Chargers
Internal
Diagram
Logic Diagram
AMS358
Advanced Monolithic Systems http://www.ams-semitech.com
1


Similar Part No. - AMS358

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
logo
Analog Microelectronics...
AMS3011 ANALOGMICRO-AMS3011 Datasheet
512Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016
logo
Panasonic Semiconductor
AMS302T PANASONIC-AMS302T Datasheet
215Kb / 6P
Photo IC type high sensitive light sensor
logo
Advanced Monolithic Sys...
AMS303 AMS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
Advanced Monolithic Sys...
AMS303 ADMOS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
More results

Similar Description - AMS358

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP03 AD-AMP03 Datasheet
281Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV.E
logo
Leshan Radio Company
LR324 LRC-LR324 Datasheet
223Kb / 10P
Internally Frequency Compensated, Large Voltage Gain
logo
Analog Devices
AD8476 AD-AD8476 Datasheet
510Kb / 24P
Low Power, Unity Gain, Fully
REV. B
logo
Leshan Radio Company
LR324 LRC-LR324_12 Datasheet
223Kb / 10P
Internally Frequency Compensated Large Voltage Gain
LR358 LRC-LR358_12 Datasheet
202Kb / 9P
Internally Frequency Compensation Large Voltage Gain
logo
Fairchild Semiconductor
LM258AMX FAIRCHILD-LM258AMX Datasheet
161Kb / 12P
Internally Frequency Compensated for Unity Gain
logo
Leshan Radio Company
LR324 LRC-LR324_15 Datasheet
223Kb / 10P
Internally Frequency Compensated
logo
Microchip Technology
MCP631 MICROCHIP-MCP631_14 Datasheet
1Mb / 60P
Unity-Gain Stable
03/25/14
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
Unity-Gain Stable
03/25/14
logo
Unisonic Technologies
UD36061G-AG6-R UTC-UD36061G-AG6-R Datasheet
198Kb / 6P
Internally Compensated
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com