Electronic Components Datasheet Search
  English  ▼

X  

LTC3025 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3025
Description  3關A IQ, 20mA Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025 Datasheet(HTML) 1 Page - Linear Technology

  LTC3025 Datasheet HTML 1Page - Linear Technology LTC3025 Datasheet HTML 2Page - Linear Technology LTC3025 Datasheet HTML 3Page - Linear Technology LTC3025 Datasheet HTML 4Page - Linear Technology LTC3025 Datasheet HTML 5Page - Linear Technology LTC3025 Datasheet HTML 6Page - Linear Technology LTC3025 Datasheet HTML 7Page - Linear Technology LTC3025 Datasheet HTML 8Page - Linear Technology LTC3025 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3009 Series
1
3009fd
TEMPERATURE (°C)
400
3009 TA01b
200
100
50
0
500
300
250
150
4.0
350
3.5
2.0
1.0
0.5
0
5.0
450
4.5
3.0
2.5
1.5
IQ
–50 –25
0
25
50
75
100 125 150
ILOAD = 20mA
DROPOUT
VOLTAGE
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
3µA IQ, 20mA
Low Dropout Linear Regulators
The LT®3009 Series are micropower, low dropout voltage
(LDO) linear regulators. The devices supply 20mA output
current with a dropout voltage of 280mV. No-load quiescent
current is 3μA. Ground pin current remains at less than
5% of output current as load increases. In shutdown,
quiescent current is less than 1μA.
The LT3009 regulators optimize stability and transient
response with low ESR ceramic capacitors, requiring a
minimum of only 1μF. The regulators do not require the
addition of ESR as is common with other regulators.
Internal protection circuitry includes current limiting,
thermal limiting, reverse-battery protection and reverse-
current protection.
The LT3009 Series are ideal for applications that require
moderate output drive capability coupled with ultralow
standby power consumption. The device is available in
fixed output voltages of 1.2V, 1.5V, 1.8V, 2.5V, 3.3V and 5V,
and as an adjustable device with an output voltage range
down to the 600mV reference. The LT3009 is available in
the 6-lead DFN and 8-lead SC70 packages.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
3.3V, 20mA Supply with Shutdown
n Ultralow Quiescent Current: 3μA
n Input Voltage Range: 1.6V to 20V
n Output Current: 20mA
n Dropout Voltage: 280mV
n Adjustable Output (VADJ = VOUT(MIN) = 600mV)
n Fixed Output Voltages: 1.2V, 1.5V, 1.8V, 2.5V,
3.3V, 5V
n Output Tolerance: ±2% Over Load, Line and Temperature
n Stable with Low ESR, Ceramic Output Capacitors
(1μF minimum)
n Shutdown Current: <1μA
n Current Limit Protection
n Reverse-Battery Protection
n Thermal Limit Protection
n 8-Lead SC70 and 2mm × 2mm DFN Packages
n Low Current Battery-Powered Systems
n Keep-Alive Power Supplies
n Remote Monitoring
Utility Meters
Hotel Door Locks
IN
SHDN
1μF
3009 TA01a
OUT
VIN
3.75V TO
20V
GND
LT3009-3.3
VOUT
3.3V
20mA
1μF
Dropout Voltage/Quiescent Current


Similar Part No. - LTC3025

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
300mA Micropower VLDO Linear Regulator
LTC3025 LINER-LTC3025 Datasheet
251Kb / 14P
500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LTC3025 LINER-LTC3025 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LTC3025 LINER-LTC3025 Datasheet
192Kb / 16P
100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LTC3025 LINEAR_DIMENSIONS-LTC3025 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LTC3025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
logo
Linear Technology
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_1 Datasheet
455Kb / 20P
3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
3A IQ, 20mA Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
3A IQ, 20mA, 45V Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com