Electronic Components Datasheet Search
  English  ▼

X  

LTC3025 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3025
Description  3關A IQ, 20mA Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025 Datasheet(HTML) 5 Page - Linear Technology

  LTC3025 Datasheet HTML 1Page - Linear Technology LTC3025 Datasheet HTML 2Page - Linear Technology LTC3025 Datasheet HTML 3Page - Linear Technology LTC3025 Datasheet HTML 4Page - Linear Technology LTC3025 Datasheet HTML 5Page - Linear Technology LTC3025 Datasheet HTML 6Page - Linear Technology LTC3025 Datasheet HTML 7Page - Linear Technology LTC3025 Datasheet HTML 8Page - Linear Technology LTC3025 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3009 Series
5
3009fd
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3009 regulators are tested and specified under pulse
load conditions such that TJ ≈ TA. The LT3009E is guaranteed to meet
performance specifications from 0°C to 125°C operating junction
temperature. Specifications over the –40 °C to 125°C operating junction
temperature range are assured by design, characterization and correlation
with statistical process controls. The LT3009I is guaranteed over the full
–40°C to 125°C operating junction temperature range.
Note 3: The LT3009 adjustable version is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.
Note 4: Operating conditions are limited by maximum junction temperature.
The regulated output voltage specification will not apply for all possible
combinations of input voltage and output current. When operating at the
maximum input voltage, the output current range must be limited. When
operating at the maximum output current, the input voltage must be limited.
Note 5: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout,
the output voltage equals (VIN – VDROPOUT). For the LT3009-1.2, dropout
voltage will be limited by the minimum input voltage under some voltage/
load conditions.
Note 6: To satisfy minimum input voltage requirements, the LT3009
adjustable version is tested and specified for these conditions with an
external resistor divider (61.9k bottom, 280k top) which sets VOUT to 3.3V.
The external resistor divider adds 9.69μA of DC load on the output. This
external current is not factored into GND pin current.
Note 7: GND pin current is tested with VIN = VOUT(NOMINAL) + 0.5V and a
current source load. GND pin current will increase in dropout. For the fixed
output voltage versions, an internal resistor divider will add to the GND
pin current ( 2μA for the LT3009-5, 1μA for the LT3009-1.2, LT3009-1.5,
LT3009-1.8, LT3009-2.5 and LT3009-3.3). See the GND Pin Current curves
in the Typical Performance Characteristics section.
Note 8: The SHDN pin can be driven below GND only when tied to the IN
pin directly or through a pull-up resistor. If the SHDN pin is driven below
GND by more than –0.3V while IN is powered, the output will turn on.
Note 9: Output noise is listed for the adjustable version with the ADJ pin
connected to the OUT pin. See the RMS Output Noise vs Load Current
curve in the Typical Performance Characteristics Section.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Noise (Note 9)
COUT = 1μF, ILOAD = 20mA, BW = 10Hz to 100kHz
150
μVRMS
ADJ Pin Bias Current
l
–10
0.3
10
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.2
0.66
0.36
1.5
V
V
SHDN Pin Current
VSHDN = 0V, VIN = 20V
VSHDN = 20V, VIN = 20V
l
l
0.5
±1
1.6
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
l
<1
μA
Ripple Rejection (Note 3)
VIN – VOUT = 1.5V, VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 20mA
LT3009
LT3009-1.2
LT3009-1.5
LT3009-1.8
LT3009-2.5
LT3009-3.3
LT3009-5
60
57
55.5
54
52
49
44
72
68
67
66
63
61
56
dB
dB
dB
dB
dB
dB
dB
Current Limit
VIN = 20V, VOUT = 0
VIN = VOUT(NOMINAL) + 1V, VOUT = – 5%
l
22
60
mA
mA
Input Reverse Leakage Current
VIN = –20V, VOUT = 0
l
200
350
μA
Reverse Output Current
VOUT = 1.2V, VIN = 0
0.6
10
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com